Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 38 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 38 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 34Page - SPANSION MB9B320TA Datasheet HTML 35Page - SPANSION MB9B320TA Datasheet HTML 36Page - SPANSION MB9B320TA Datasheet HTML 37Page - SPANSION MB9B320TA Datasheet HTML 38Page - SPANSION MB9B320TA Datasheet HTML 39Page - SPANSION MB9B320TA Datasheet HTML 40Page - SPANSION MB9B320TA Datasheet HTML 41Page - SPANSION MB9B320TA Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 141 page
background image
D a t a S h e e t
January 30, 2015, MB9B320TA_DS706-00062-2v0-E
35
CONFIDENTIAL
Pin
function
Pin name
Function description
Pin No
LQFP-176 LQFP-144 BGA-192
External
Bus
MNALE_0
External bus interface ALE signal to
control NAND Flash output pin
19
19
F6
MNCLE_0
External bus interface CLE signal to
control NAND Flash output pin
20
20
G2
MNREX_0
External bus interface read enable
signal to control NAND Flash
22
22
G4
MNWEX_0
External bus interface write enable
signal to control NAND Flash
21
21
G3
MADATA00_0
External bus interface data bus
(Address / data multiplex bus)
60
52
K5
MADATA01_0
61
53
N6
MADATA02_0
62
54
M6
MADATA03_0
63
55
L6
MADATA04_0
64
56
K6
MADATA05_0
65
57
J6
MADATA06_0
66
58
N8
MADATA07_0
67
59
M8
MADATA08_0
68
60
L8
MADATA09_0
69
61
K8
MADATA10_0
70
62
P8
MADATA11_0
71
63
J8
MADATA12_0
72
64
P9
MADATA13_0
73
65
N9
MADATA14_0
74
66
M9
MADATA15_0
75
67
L9
MALE_0
External bus interface Address Latch
enable output signal for multiplex
17
17
F4
MRDY_0
External bus interface external RDY
input signal
18
18
F5
MCLKOUT_0
External bus interface external clock
output
48
40
M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com