Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 99 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 99 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 95Page - SPANSION MB9B320TA Datasheet HTML 96Page - SPANSION MB9B320TA Datasheet HTML 97Page - SPANSION MB9B320TA Datasheet HTML 98Page - SPANSION MB9B320TA Datasheet HTML 99Page - SPANSION MB9B320TA Datasheet HTML 100Page - SPANSION MB9B320TA Datasheet HTML 101Page - SPANSION MB9B320TA Datasheet HTML 102Page - SPANSION MB9B320TA Datasheet HTML 103Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 141 page
background image
D a t a S h e e t
96
MB9B320TA_DS706-00062-2v0-E, January 30, 2015
CONFIDENTIAL
 NAND Flash Memory Mode
(VCC = 2.7V to 5.5V, VSS = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
MNREX
Min pulse width
tNREW
MNREX
VCC ≥ 4.5V
MCLK×n-3
-
ns
VCC < 4.5V
Data setup →
MNREX↑time
tDS – NRE
MNREX,
MADATA[15:0]
VCC ≥ 4.5V
20
-
ns
VCC < 4.5V
38
-
MNREX↑→
Data hold time
tDH – NRE
MNREX,
MADATA[15:0]
VCC ≥ 4.5V
0
-
ns
VCC < 4.5V
MNALE↑→
MNWEX delay time
tALEH - NWEL
MNALE,
MNWEX
VCC ≥ 4.5V
MCLK×m-9
MCLK×m+9
ns
VCC < 4.5V
MCLK×m-12
MCLK×m+12
MNALE↓→
MNWEX delay time
tALEL - NWEL
MNALE,
MNWEX
VCC ≥ 4.5V
MCLK×m-9
MCLK×m+9
ns
VCC < 4.5V
MCLK×m-12
MCLK×m+12
MNCLE↑→
MNWEX delay time
tCLEH - NWEL
MNCLE,
MNWEX
VCC ≥ 4.5V
MCLK×m-9
MCLK×m+9
ns
VCC < 4.5V
MCLK×m-12
MCLK×m+12
MNWEX↑→
MNCLE delay time
tNWEH - CLEL
MNCLE,
MNWEX
VCC ≥ 4.5V
0
MCLK×m+9
ns
VCC < 4.5V
MCLK×m+12
MNWEX
Min pulse width
tNWEW
MNWEX
VCC ≥ 4.5V
MCLK×n-3
-
ns
VCC < 4.5V
MNWEX↓→
Data output time
tNWEL – DV
MNWEX,
MADATA[15:0]
VCC ≥ 4.5V
- 9
+ 9
ns
VCC < 4.5V
-12
+12
MNWEX↑→
Data hold time
tNWEH – DX
MNWEX,
MADATA[15:0]
VCC ≥ 4.5V
0
MCLK×m+11
ns
VCC < 4.5V
MCLK×m+12
Note: When the external load capacitance CL = 30 pF (m=0 to 15, n=1 to 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com