Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 85 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 85 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 81Page - SPANSION MB9B320TA Datasheet HTML 82Page - SPANSION MB9B320TA Datasheet HTML 83Page - SPANSION MB9B320TA Datasheet HTML 84Page - SPANSION MB9B320TA Datasheet HTML 85Page - SPANSION MB9B320TA Datasheet HTML 86Page - SPANSION MB9B320TA Datasheet HTML 87Page - SPANSION MB9B320TA Datasheet HTML 88Page - SPANSION MB9B320TA Datasheet HTML 89Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 141 page
background image
D a t a S h e e t
82
MB9B320TA_DS706-00062-2v0-E, January 30, 2015
CONFIDENTIAL
Low-Voltage Detection Current
(VCC = 2.7V to 5.5V, VSS = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
(Pin name)
Conditions
Value
Unit
Remarks
Min
Typ
Max
Low-Voltage
detection circuit
(LVD) power
supply current
ICCLVD
(VCC)
At operation
-
0.13
0.3
μA
For occurrence of
reset
-
0.13
0.3
μA
For occurrence of
interrupt
Flash Memory Current
(VCC = 2.7V to 5.5V, VSS = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Flash memory
write/erase
current
ICCFLASH
(VCC)
VCC
At ROM0
Write/Erase
-
9.9
11.8
mA
*1
At ROM1
Write/Erase
-
9.5
11.2
mA
*1
*1 : When programming or erase in flash memory, Flash Memory Write/Erase current (ICCFLASH) is added to
the Power supply current (ICC).
In addition, When programming or erase in flash memory ROM0 and ROM1 at the same time, Flash
Memory Write/Erase current (ICCFLASH) of both ROM0 and ROM1 are added to the Power supply current
(ICC).
A/D Converter Current
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = AVRL = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply
current
ICCAD
(VCC)
AVCC
At 1unit
operation
-
0.69
0.9
mA
At stop
-
0.6
35
μA
Reference
power supply
current
(AVRH)
ICCAVRH
(VCC)
AVRH
At 1unit
operation
AVRH=5.5V
-
1.1
1.97
mA
At stop
-
0.2
3.4
μA
D/A Converter Current
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply
current*
1
IDDA*
2
(VCC)
AVCC
At 1unit
operation
AVCC=3.3V
250
315
380
μA
At 1unit
operation
AVCC=5.0V
380
475
580
μA
IDSA
(VCC)
At stop
-
-
30
μA
*1 : No-load
*2 : Generates the max current by the CODE about 0x200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com