Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 46 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 46 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 42Page - SPANSION MB9B320TA Datasheet HTML 43Page - SPANSION MB9B320TA Datasheet HTML 44Page - SPANSION MB9B320TA Datasheet HTML 45Page - SPANSION MB9B320TA Datasheet HTML 46Page - SPANSION MB9B320TA Datasheet HTML 47Page - SPANSION MB9B320TA Datasheet HTML 48Page - SPANSION MB9B320TA Datasheet HTML 49Page - SPANSION MB9B320TA Datasheet HTML 50Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 141 page
background image
D a t a S h e e t
January 30, 2015, MB9B320TA_DS706-00062-2v0-E
43
CONFIDENTIAL
Pin
function
Pin name
Function description
Pin No.
LQFP-176 LQFP-144 BGA-192
Multi
Function
Serial
2
SIN2_0
Multifunction serial interface ch.2
input pin
67
59
M8
SIN2_1
123
99
E11
SIN2_2
97
81
K14
SOT2_0
(SDA2_0)
Multifunction serial interface ch.2
output pin.
This pin operates as SOT2 when it is
used in a UART/CSIO/LIN
(operation modes 0 to 3) and as
SDA2 when it is used in an I
2C
(operation mode 4).
68
60
L8
SOT2_1
(SDA2_1)
122
98
E10
SOT2_2
(SDA2_2)
98
82
K11
SCK2_0
(SCL2_0)
Multifunction serial interface ch.2
clock I/O pin.
This pin operates as SCK2 when it is
used in a UART/CSIO (operation
modes 0 to 2) and as SCL2 when it is
used in an I
2C (operation mode 4).
69
61
K8
SCK2_1
(SCL2_1)
121
97
F13
SCK2_2
(SCL2_2)
99
83
J13
Multi
Function
Serial
3
SIN3_0
Multifunction serial interface ch.3
input pin
70
62
P8
SIN3_1
13
13
E5
SIN3_2
58
50
M5
SOT3_0
(SDA3_0)
Multifunction serial interface ch.3
output pin.
This pin operates as SOT3 when it is
used in a UART/CSIO/LIN
(operation modes 0 to 3) and as
SDA3 when it is used in an I
2C
(operation mode 4).
71
63
J8
SOT3_1
(SDA3_1)
14
14
F1
SOT3_2
(SDA3_2)
59
51
L5
SCK3_0
(SCL3_0)
Multifunction serial interface ch.3
clock I/O pin.
This pin operates as SCK3 when it is
used in a UART/CSIO (operation
modes 0 to 2) and as SCL3 when it is
used in an I
2C (operation mode 4).
72
64
P9
SCK3_1
(SCL3_1)
15
15
F2
SCK3_2
(SCL3_2)
60
52
K5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com