Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 80 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 80 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 76Page - SPANSION MB9B320TA Datasheet HTML 77Page - SPANSION MB9B320TA Datasheet HTML 78Page - SPANSION MB9B320TA Datasheet HTML 79Page - SPANSION MB9B320TA Datasheet HTML 80Page - SPANSION MB9B320TA Datasheet HTML 81Page - SPANSION MB9B320TA Datasheet HTML 82Page - SPANSION MB9B320TA Datasheet HTML 83Page - SPANSION MB9B320TA Datasheet HTML 84Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 141 page
background image
D a t a S h e e t
January 30, 2015, MB9B320TA_DS706-00062-2v0-E
77
CONFIDENTIAL
 Electrical Characteristics
1.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*
1, *2
VCC
VSS - 0.5
VSS + 6.5
V
Power supply voltage (for USB)*
1, * 3
USBVCC
VSS - 0.5
VSS + 6.5
V
Analog power supply voltage*
1, *4
AVCC
VSS - 0.5
VSS + 6.5
V
Analog reference voltage*
1, *4
AVRH
VSS - 0.5
VSS + 6.5
V
Input voltage*
1
VI
VSS - 0.5
VCC + 0.5
(≤ 6.5V)
V
Except for USB pin
VSS - 0.5
USBVCC + 0.5
(≤ 6.5V)
V
USB pin
VSS - 0.5
VSS + 6.5
V
5V tolerant
VSS - 0.5
VSS + 3.63
V
5V tolerant*
8
Analog pin input voltage*
1
VIA
VSS - 0.5
AVCC + 0.5
(≤ 6.5V)
V
Output voltage*
1
VO
VSS - 0.5
VCC + 0.5
(≤ 6.5V)
V
Clamp maximum current
ICLAMP
-2
+2
mA
*9
Clamp total maximum current
Σ[I
CLAMP]
+20
mA
*9
"L" level maximum output current*
5
IOL
-
10
mA
4mA type
20
mA
12mA type
39
mA
P80, P81
"L" level average output current*
6
IOLAV
-
4
mA
4mA type
12
mA
12mA type
16.5
mA
P80, P81
"L" level total maximum output current
∑I
OL
-
100
mA
"L" level total average output current*
7
∑I
OLAV
-
50
mA
"H" level maximum output current*
5
IOH
-
- 10
mA
4mA type
- 20
mA
12mA type
- 39
mA
P80, P81
"H" level average output current*
6
IOHAV
-
- 4
mA
4mA type
- 12
mA
12mA type
- 18
mA
P80, P81
"H" level total maximum output
current
∑I
OH
-
- 100
mA
"H" level total average output current*
7
∑I
OHAV
-
- 50
mA
Power consumption
PD
-
390
mW
Storage temperature
TSTG
- 55
+ 150
°C
*1 : These parameters are based on the condition that VSS = AVSS = 0V.
*2 : VCC must not drop below VSS - 0.5V.
*3 : USBVCC must not drop below VSS - 0.5V.
*4 : Ensure that the voltage does not exceed VCC + 0.5 V, for example, when the power is turned on.
*5 : The maximum output current is defined as the value of the peak current flowing through any one of the
corresponding pins.
*6 : The average output current is defined as the average current value flowing through any one of the
corresponding pins for a 100 ms period.
*7 : The total average output current is defined as the average current value flowing through all of
corresponding pins for a 100ms.
*8: VCC = USBVCC = AVCC = AVRH = VSS = AVSS = AVRL = 0.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com