Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 48 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 48 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 44Page - SPANSION MB9B320TA Datasheet HTML 45Page - SPANSION MB9B320TA Datasheet HTML 46Page - SPANSION MB9B320TA Datasheet HTML 47Page - SPANSION MB9B320TA Datasheet HTML 48Page - SPANSION MB9B320TA Datasheet HTML 49Page - SPANSION MB9B320TA Datasheet HTML 50Page - SPANSION MB9B320TA Datasheet HTML 51Page - SPANSION MB9B320TA Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 141 page
background image
D a t a S h e e t
January 30, 2015, MB9B320TA_DS706-00062-2v0-E
45
CONFIDENTIAL
Pin
function
Pin name
Function description
Pin No.
LQFP-176 LQFP-144 BGA-192
Multi
Function
Serial
6
SIN6_0
Multifunction serial interface ch.6
input pin
16
16
F3
SIN6_1
31
-
H6
SIN6_2
170
-
B4
SOT6_0
(SDA6_0)
Multifunction serial interface ch.6
output pin.
This pin operates as SOT6 when it is
used in a UART/CSIO/LIN
(operation modes 0 to 3) and as
SDA6 when it is used in an I
2C
(operation mode 4).
17
17
F4
SOT6_1
(SDA6_1)
30
-
H5
SOT6_2
(SDA6_2)
171
-
C4
SCK6_0
(SCL6_0)
Multifunction serial interface ch.6
clock I/O pin.
This pin operates as SCK6 when it is
used in a UART/CSIO (operation
modes 0 to 2) and as SCL6 when it is
used in an I
2C (operation mode 4).
18
18
F5
SCK6_1
(SCL6_1)
29
-
H4
SCK6_2
(SCL6_2)
172
-
B3
Multi
Function
Serial
7
SIN7_0
Multifunction serial interface ch.7
input pin
22
22
G4
SIN7_1
64
56
K6
SIN7_2
106
-
H13
SOT7_0
(SDA7_0)
Multifunction serial interface ch.7
output pin.
This pin operates as SOT7 when it is
used in a UART/CSIO/LIN
(operation modes 0 to 3) and as
SDA7 when it is used in an I
2C
(operation mode 4).
23
23
G5
SOT7_1
(SDA7_1)
63
55
L6
SOT7_2
(SDA7_2)
107
-
H12
SCK7_0
(SCL7_0)
Multifunction serial interface ch.7
clock I/O pin.
This pin operates as SCK7 when it is
used in a UART/CSIO (operation
modes 0 to 2) and as SCL7 when it is
used in an I
2C (operation mode 4).
24
24
G6
SCK7_1
(SCL7_1)
62
54
M6
SCK7_2
(SCL7_2)
108
-
H11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com