Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 111 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 111 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 107Page - SPANSION MB9B320TA Datasheet HTML 108Page - SPANSION MB9B320TA Datasheet HTML 109Page - SPANSION MB9B320TA Datasheet HTML 110Page - SPANSION MB9B320TA Datasheet HTML 111Page - SPANSION MB9B320TA Datasheet HTML 112Page - SPANSION MB9B320TA Datasheet HTML 113Page - SPANSION MB9B320TA Datasheet HTML 114Page - SPANSION MB9B320TA Datasheet HTML 115Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 141 page
background image
D a t a S h e e t
108
MB9B320TA_DS706-00062-2v0-E, January 30, 2015
CONFIDENTIAL
tSCYC
tSLOVI
VOL
VOH
VOH
VOH
VOL
VOH
VOL
VIH
VIL
VIH
VIL
tIVSHI
tSHIXI
tSOVHI
Master mode
t
SHSL
tR
t
SLSH
t
SLOVE
V
IL
V
IL
V
IL
V
IH
V
IH
V
IH
V
OH
V
OL
V
OH
V
OL
V
IH
V
IL
V
IH
V
IL
t
IVSHE
t
SHIXE
tF
Slave mode
・ UART external clock input (EXT = 1)
(VCC = 2.7V to 5.5V, VSS = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol Conditions
Value
Unit Remarks
Min
Max
Serial clock "L" pulse width
tSLSH
CL = 30 pF
tCYCP + 10
-
ns
Serial clock "H" pulse width
tSHSL
tCYCP + 10
-
ns
SCK falling time
tF
-
5
ns
SCK rising time
tR
-
5
ns
t
SHSL
VIL
VIL
VIL
V
IH
V
IH
V
IH
tR
tF
t
SLSH
SCK
SOT
SIN
SCK
SOT
SIN
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com