Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 118 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 118 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 114Page - SPANSION MB9B320TA Datasheet HTML 115Page - SPANSION MB9B320TA Datasheet HTML 116Page - SPANSION MB9B320TA Datasheet HTML 117Page - SPANSION MB9B320TA Datasheet HTML 118Page - SPANSION MB9B320TA Datasheet HTML 119Page - SPANSION MB9B320TA Datasheet HTML 120Page - SPANSION MB9B320TA Datasheet HTML 121Page - SPANSION MB9B320TA Datasheet HTML 122Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 141 page
background image
D a t a S h e e t
January 30, 2015, MB9B320TA_DS706-00062-2v0-E
115
CONFIDENTIAL
5.
12-bit A/D Converter
・Electrical characteristics for the A/D converter
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Integral Nonlinearity
-
-
-
± 1.5
± 4.5
LSB
AVRH = 2.7V
to 5.5V
Differential Nonlinearity
-
-
-
± 2.2
± 2.5
LSB
Zero transition voltage
VZT
ANxx
-
± 6
± 15
mV
Full-scale transition
voltage
VFST
ANxx
-
AVRH ± 5 AVRH ± 15
mV
Conversion time
-
-
1.0*
1
-
-
μs
Sampling time*
2
Ts
-
0.3
-
10
μs
Compare clock cycle*
3
Tcck
-
50
-
1000
ns
State transition time to
operation permission
Tstt
-
-
-
1.0
μs
Analog input capacity
CAIN
-
-
-
9.5
pF
Analog input resistor
RAIN
-
-
-
1.62
kΩ
AVCC ≥ 4.5V
2.35
AVCC < 4.5V
Interchannel disparity
-
-
-
-
4
LSB
Analog port input current
-
ANxx
-
-
5
μA
Analog input voltage
-
ANxx
AVRL
-
AVRH
V
Reference voltage
-
AVRH
2.7
-
AVCC
V
-
AVRL
AVSS
-
AVSS
V
*1 : The conversion time is the value of sampling time (Ts) + compare time (Tc).
The condition of the minimum conversion time is when the value of sampling time: 300ns, the value of
compare time:700ns (AVCC ≥ 4.5V).
Ensure that it satisfies the value of the sampling time (Ts) and compare clock cycle (Tcck).
For setting of the sampling time and compare clock cycle, see "CHAPTER 1-1: A/D Converter" in "FM3
Family PERIPHERAL MANUAL Analog Macro Part".
The register setting of the A/D Converter are reflected in the operation according to the APB bus clock
timing.
The sampling clock and compare clock is generated from the Base clock (HCLK).
About the APB bus number which the A/D Converter is connected to, see "Block Diagram" in this data
sheet.
*2 : A necessary sampling time changes by external impedance.
Ensure that it sets the sampling time to satisfy (Equation 1).
*3 : The compare time (Tc) is the value of (Equation 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com