Electronic Components Datasheet Search
  English  ▼

X  

MB9B500B Datasheet(PDF) 57 Page - SPANSION

Part # MB9B500B
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B500B Datasheet(HTML) 57 Page - SPANSION

Back Button MB9B500B Datasheet HTML 53Page - SPANSION MB9B500B Datasheet HTML 54Page - SPANSION MB9B500B Datasheet HTML 55Page - SPANSION MB9B500B Datasheet HTML 56Page - SPANSION MB9B500B Datasheet HTML 57Page - SPANSION MB9B500B Datasheet HTML 58Page - SPANSION MB9B500B Datasheet HTML 59Page - SPANSION MB9B500B Datasheet HTML 60Page - SPANSION MB9B500B Datasheet HTML 61Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 113 page
background image
D a t a S h e e t
54
MB9B500B-DS706-00021-3v0-E, December 15, 2014
CONFIDENTIAL
 PIN STATUS IN EACH CPU STATE
The terms used for pin status have the following meanings.
・INITX=0
This is the period when the INITX pin is the "L" level.
・INITX=1
This is the period when the INITX pin is the "H" level.
・SPL=0
This is the status that standby pin level setting bit (SPL) in standby mode control register (STB_CTL) is
set to "0".
・SPL=1
This is the status that standby pin level setting bit (SPL) in standby mode control register (STB_CTL) is
set to "1".
・Input enabled
Indicates that the input function can be used.
・Internal input fixed at "0"
This is the status that the input function cannot be used. Internal input is fixed at "L".
・Hi-Z
Indicates that the output drive transistor is disabled and the pin is put in the Hi-Z state.
・Setting disabled
Indicates that the setting is disabled.
・Maintain previous state
Maintains the state that was immediately prior to entering the current mode.
If a built-in peripheral function is operating, the output follows the peripheral function.
If the pin is being used as a port, that output is maintained.
・Analog input is enabled
Indicates that the analog input is enabled.
・Trace output
Indicates that the trace function can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com