Electronic Components Datasheet Search
  English  ▼

X  

MB9B500B Datasheet(PDF) 64 Page - SPANSION

Part # MB9B500B
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B500B Datasheet(HTML) 64 Page - SPANSION

Back Button MB9B500B Datasheet HTML 60Page - SPANSION MB9B500B Datasheet HTML 61Page - SPANSION MB9B500B Datasheet HTML 62Page - SPANSION MB9B500B Datasheet HTML 63Page - SPANSION MB9B500B Datasheet HTML 64Page - SPANSION MB9B500B Datasheet HTML 65Page - SPANSION MB9B500B Datasheet HTML 66Page - SPANSION MB9B500B Datasheet HTML 67Page - SPANSION MB9B500B Datasheet HTML 68Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
D a t a S h e e t
December 15, 2014, MB9B500B-DS706-00021-3v0-E
61
CONFIDENTIAL
2.
Recommended Operating Conditions
(Vss = AVss = 0.0V)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Max
Power supply voltage
Vcc
-
2.7*
4
5.5
V
Power supply voltage for USB
USBVcc
-
3.0
3.6
(≤ Vcc)
V
*1
2.7
5.5
(≤ Vcc)
*2
Analog power supply voltage
AVcc
-
2.7
5.5
V
AVcc = Vcc
Analog reference voltage
AVRH
-
2.7
AVcc
V
Smoothing capacitor
CS
-
1
10
μF
For built-in
regulator*
3
Operating
Temperature
FPT-120P-M21
FPT-120P-M37
FPT-100P-M20
FPT-100P-M23
BGA-112P-M04
Ta
When
mounted on
four-layer
PCB
- 40
+ 85
C
When
mounted on
double-sided
single-layer
PCB
- 40
+ 85
C
Icc  100mA
- 40
+ 70
C
Icc > 100mA
*1: When P81/UDP0 and P80/UDM0 pin are used as USB(UDP0, UDM0).
*2: When P81/UDP0 and P80/UDM0 pin are used as GPIO(P81, P80).
*3 : See "
· C Pin" in "HANDLING DEVICES" for the connection of the smoothing capacitor.
*4 : In between less than the minimum power supply voltage and low voltage reset/interrupt detection voltage
or more, instruction execution and low voltage detection function by built-in High-speed CR(including
Main PLL is used) or built-in Low-speed CR is possible to operate only.
<WARNING>
The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure. No warranty is made
with respect to uses, operating conditions, or combinations not represented on the data sheet. Users
considering application outside the listed conditions are advised to contact their representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com