Electronic Components Datasheet Search
  English  ▼

X  

MB9B500B Datasheet(PDF) 92 Page - SPANSION

Part # MB9B500B
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B500B Datasheet(HTML) 92 Page - SPANSION

Back Button MB9B500B Datasheet HTML 88Page - SPANSION MB9B500B Datasheet HTML 89Page - SPANSION MB9B500B Datasheet HTML 90Page - SPANSION MB9B500B Datasheet HTML 91Page - SPANSION MB9B500B Datasheet HTML 92Page - SPANSION MB9B500B Datasheet HTML 93Page - SPANSION MB9B500B Datasheet HTML 94Page - SPANSION MB9B500B Datasheet HTML 95Page - SPANSION MB9B500B Datasheet HTML 96Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
D a t a S h e e t
December 15, 2014, MB9B500B-DS706-00021-3v0-E
89
CONFIDENTIAL
(Equation 1) Ts
≥ ( R
AIN + Rext ) × CAIN × 9
Ts
: Sampling time
RAIN : input resistance of A/D = 0.93kΩ
4.5 ≤ AVCC ≤ 5.5
input resistance of A/D = 2.04kΩ
2.7 ≤ AVCC < 4.5
CAIN : input capacity of A/D = 14.5pF
2.7 ≤ AVCC ≤ 5.5
Rext : Output impedance of external circuit
(Equation 2) Tc = Tcck × 14
Tc
: Compare time
Tcck : Comrare clock cycle
Rext
RAIN
CAIN
Analog
signal source
ANxx
Analog input pin
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com