Electronic Components Datasheet Search
  English  ▼

X  

MB9B500B Datasheet(PDF) 8 Page - SPANSION

Part # MB9B500B
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B500B Datasheet(HTML) 8 Page - SPANSION

Back Button MB9B500B Datasheet HTML 4Page - SPANSION MB9B500B Datasheet HTML 5Page - SPANSION MB9B500B Datasheet HTML 6Page - SPANSION MB9B500B Datasheet HTML 7Page - SPANSION MB9B500B Datasheet HTML 8Page - SPANSION MB9B500B Datasheet HTML 9Page - SPANSION MB9B500B Datasheet HTML 10Page - SPANSION MB9B500B Datasheet HTML 11Page - SPANSION MB9B500B Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 113 page
background image
D a t a S h e e t
December 15, 2014, MB9B500B-DS706-00021-3v0-E
5
CONFIDENTIAL
 Dual Timer (Two 32/16bit Down Counter)
The Dual Timer consists of two programmable 32/16-bit down counters.
Operation mode is selectable from the followings for each channel.
・Free-running
・Periodic (=Reload)
・One-shot
 Watch Counter
The Watch counter is used for wake up from sleep mode.
・Interval timer: up to 64s(Max.)@ Sub Clock : 32.768kHz
 Watch dog Timer (2channels)
A watchdog timer can generate interrupts or a reset when a time-out value is reached.
This series consists of two different watchdogs, a "Hardware" watchdog and a "Software" watchdog.
"Hardware" watchdog timer is clocked by the built-in low-speed CR oscillator. Therefore,”Hardware"
watchdog is active in any low-power consumption modes except STOP mode.
 External Interrupt Controller Unit
・Up to 16 external vectors
・Include one non-maskable interrupt(NMI)
 General Purpose I/O Port
This series can use its pins as general-purpose I/O ports when they are not used for external bus or
peripherals. Moreover, the port relocate function is built in. It can set which I/O port the peripheral function
can be allocated.
・Capable of pull-up control per pin
・Capable of reading pin level directly
・Built-in the port relocate function
・Up to 100 high-speed general-purpose I/O Ports@120pin Package
 CRC (Cyclic Redundancy Check) Accelerator
The CRC accelerator helps a verify data transmission or storage integrity.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
・CCITT CRC16 Generator Polynomial: 0x1021
・IEEE-802.3 CRC32 Generator Polynomial: 0x04C11DB7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com