Electronic Components Datasheet Search
  English  ▼

X  

MB9B500B Datasheet(PDF) 6 Page - SPANSION

Part # MB9B500B
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B500B Datasheet(HTML) 6 Page - SPANSION

Back Button MB9B500B Datasheet HTML 2Page - SPANSION MB9B500B Datasheet HTML 3Page - SPANSION MB9B500B Datasheet HTML 4Page - SPANSION MB9B500B Datasheet HTML 5Page - SPANSION MB9B500B Datasheet HTML 6Page - SPANSION MB9B500B Datasheet HTML 7Page - SPANSION MB9B500B Datasheet HTML 8Page - SPANSION MB9B500B Datasheet HTML 9Page - SPANSION MB9B500B Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
D a t a S h e e t
December 15, 2014, MB9B500B-DS706-00021-3v0-E
3
CONFIDENTIAL
 Multi-function Serial Interface (Max. 8channels)
・4 channels with 16steps × 9bit FIFO (ch.4-ch.7), 4 channels without FIFO (ch.0-ch.3)
・Operation mode is selectable from the followings for each channel.
・ UART
・ CSIO
・ LIN
・ I2C
[UART]
・Full-duplex double buffer
・Selection with or without parity supported
・Built-in dedicated baud rate generator
・External clock available as a serial clock
・Hardware Flow control : Automatically control the transmission by CTS/RTS (only ch.4)
・Various error detect functions available (parity errors, framing errors, and overrun errors)
[CSIO]
・Full-duplex double buffer
・Built-in dedicated baud rate generator
・Overrun error detect function available
[LIN]
・LIN protocol Rev.2.1 supported
・Full-duplex double buffer
・Master/Slave mode supported
・LIN break field generate (can be changed 13-16bit length)
・LIN break delimiter generate (can be changed 1-4bit length)
・Various error detect functions available (parity errors, framing errors, and overrun errors)
[I
2C]
・Standard-mode (Max.100kbps) / Fast-mode (Max.400Kbps) supported
 External Bus Interface
・Supports SRAM, NOR& NAND Flash device
・Up to 8 chip selects
・8/16-bit Data width
・Up to 25-bit Address bit
・Maximum area size : Up to 256 Mbytes
 DMA Controller (8channels)
DMA Controller has an independent bus for CPU, so CPU and DMA Controller can process simultaneously.
・8 independently configured and operated channels
・Transfer can be started by software or request from the built-in peripherals
・Transfer address area: 32bit(4Gbyte)
・Transfer mode: Block transfer/Burst transfer/Demand transfer
・Transfer data type: byte/half-word/word
・Transfer block count: 1 to 16
・Number of transfers: 1 to 65536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com