Electronic Components Datasheet Search
  English  ▼

X  

MB9B500B Datasheet(PDF) 104 Page - SPANSION

Part # MB9B500B
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B500B Datasheet(HTML) 104 Page - SPANSION

Back Button MB9B500B Datasheet HTML 100Page - SPANSION MB9B500B Datasheet HTML 101Page - SPANSION MB9B500B Datasheet HTML 102Page - SPANSION MB9B500B Datasheet HTML 103Page - SPANSION MB9B500B Datasheet HTML 104Page - SPANSION MB9B500B Datasheet HTML 105Page - SPANSION MB9B500B Datasheet HTML 106Page - SPANSION MB9B500B Datasheet HTML 107Page - SPANSION MB9B500B Datasheet HTML 108Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 113 page
background image
D a t a S h e e t
December 15, 2014, MB9B500B-DS706-00021-3v0-E
101
CONFIDENTIAL
 EXAMPLE OF CHARACTERISTIC
Power supply current (PLL run mode, PLL sleep mode)
Icc normal operation(PLL) temperature characteristics
Vcc:5.5V, CPU:80MHz, Peripheral:40MHz,FLASH 2Wait
0
10
20
30
40
50
60
70
80
90
100
110
120
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Temperature Ta[℃]
Iccs sleep operation(PLL) temperature characteristics
Vcc:5.5V, Peripheral:40MHz
0
10
20
30
40
50
60
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Temperature Ta[℃]
Power supply current (Sub run mode)
Icc normal operation(sub oscillation) temperature
characteristics Vcc:5.5V, CPU/Peripheral:32KHz
0
50
100
150
200
250
300
350
400
450
500
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Temperature Ta[℃]
Icc normal operation(sub oscillation) temperature
characteristics(semi-log) Vcc:5.5V, CPU/Peripheral:32KHz
1
10
100
1000
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Temperature Ta[℃]
Power supply current (Sub sleep mode)
Iccs sleep operation(sub oscillation) temperature
characteristics Vcc:5.5V, Peripheral:32KHz
0
50
100
150
200
250
300
350
400
450
500
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Temperature Ta[℃]
Iccs sleep operation(sub oscillation) temperature
characteristics(semi-log) Vcc:5.5V, Peripheral:32KHz
1
10
100
1000
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Temperature Ta[℃]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com