Electronic Components Datasheet Search
  English  ▼

X  

MB9B500B Datasheet(PDF) 110 Page - SPANSION

Part # MB9B500B
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B500B Datasheet(HTML) 110 Page - SPANSION

Back Button MB9B500B Datasheet HTML 105Page - SPANSION MB9B500B Datasheet HTML 106Page - SPANSION MB9B500B Datasheet HTML 107Page - SPANSION MB9B500B Datasheet HTML 108Page - SPANSION MB9B500B Datasheet HTML 109Page - SPANSION MB9B500B Datasheet HTML 110Page - SPANSION MB9B500B Datasheet HTML 111Page - SPANSION MB9B500B Datasheet HTML 112Page - SPANSION MB9B500B Datasheet HTML 113Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 110 / 113 page
background image
D a t a S h e e t
December 15, 2014, MB9B500B-DS706-00021-3v0-E
107
CONFIDENTIAL
 MAJOR CHANGES
Page
Section
Change Results
Revision 1.0
-
-
Initial release
Revision 2.0
-
-
Corrected series name and part number:
MB9B500A Series → MB9B500B Series,
MB9BF504NA → MB9BF504NB,
MB9BF504RA → MB9BF504RB,
MB9BF505NA → MB9BF505NB,
MB9BF505RA → MB9BF505RB,
MB9BF506NA → MB9BF506NB,
MB9BF506RA → MB9BF506RB
Revision 2.1
-
-
Company name and layout design change
Revision 3.0
2
FEATURES
USB Interface
Added the description of PLL for USB
3
FEATURES
External Bus Interface
Added the description of Maximum area size
8
PACKAGES
Deleted the description of ES
17
LIST OF PIN FUNCTIONS
· List of pin numbers
Modified the Pin state type of P4E from I to H
32-35
LIST OF PIN FUNCTIONS
· List of pin functions
Added LIN to the description of SOTxx
42
I/O CIRCUIT TYPE
Added the description of I
2C to the type of E and F
42, 43
I/O CIRCUIT TYPE
Added about +B input
48
HANDLING DEVICES
Added "Stabilizing power supply voltage"
48
HANDLING DEVICES
Crystal oscillator circuit
Added the following description
"Evaluate oscillation of your using crystal oscillator by your mount board."
49
HANDLING DEVICES
C Pin
Changed the description
50
BLOCK DIAGRAM
Modified the block diagram
50
MEMORY SIZE
Changed to the following description
See "Memory size" in "PRODUCT LINEUP" to confirm the memory size.
51
MEMORY MAP
· Memory map(1)
Modified the area of "Extarnal Device Area"
52
MEMORY MAP
· Memory map(2)
Added the summary of Flash memory sector and the note
59, 60
ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
· Added the Clamp maximum current
· Added the output current of P80 and P81
· Added about +B input
61
ELECTRICAL CHARACTERISTICS
2. Recommended Operation Conditions
· Modified the minimum value of Analog reference voltage
· Added Smoothing capacitor
· Added the note about less than the minimum power supply voltage
62, 63
ELECTRICAL CHARACTERISTICS
3. DC Characteristics
(1) Current rating
· Changed the table format
· Added Main TIMER mode current
· Added Flash Memory Current
· Moved A/D Converter Current
65
ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(1) Main Clock Input Characteristics
Added Master clock at Ingernal operating clock frequency
66
ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(3) Built-in CR Oscillation Characteristics
Added Frequency stability time at Built-in high-speed CR
67
ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(4-1) Operating Conditions of Main and USB
PLL
(4-2) Operating Conditions of Main PLL
· Added Main PLL clock frequency
· Added USB clock frequency
· Added the figure of Main PLL connection and USB PLL connection
68
ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(6) Power-on Reset Timing
· Added Time until releasing Power-on reset
· Changed the figure of timing
74-81
ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(7) CSIO/UART Timing
· Modified from UART Timing to CSIO/UART Timing
· Changed from Internal shift clock operation to Master mode
· Changed from External shift clock operation to Slave mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com