Electronic Components Datasheet Search
  English  ▼

X  

AD8104 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8104
Description  600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8104 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8104 Datasheet HTML 7Page - Analog Devices AD8104 Datasheet HTML 8Page - Analog Devices AD8104 Datasheet HTML 9Page - Analog Devices AD8104 Datasheet HTML 10Page - Analog Devices AD8104 Datasheet HTML 11Page - Analog Devices AD8104 Datasheet HTML 12Page - Analog Devices AD8104 Datasheet HTML 13Page - Analog Devices AD8104 Datasheet HTML 14Page - Analog Devices AD8104 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
AD8104/AD8105
Rev. A | Page 11 of 36
Pin No.
Mnemonic
Description
K2
IP6
Input Number 6, Positive Phase.
K3
VNEG
Analog Negative Power Supply.
K4
DATA IN
Control Pin: Serial Data In.
K20
WE
Control Pin: First Rank Write Strobe.
K21
VNEG
Analog Negative Power Supply.
K22
IP21
Input Number 21, Positive Phase.
K23
IN22
Input Number 22, Negative Phase.
L1
IP7
Input Number 7, Positive Phase.
L2
IN6
Input Number 6, Negative Phase.
L3
VPOS
Analog Positive Power Supply.
L4
SER/PAR
Control Pin: Serial/Parallel Mode Select.
L20
D5
Control Pin: Input Address Bit 5.
L21
VPOS
Analog Positive Power Supply.
L22
IN23
Input Number 23, Negative Phase.
L23
IP22
Input Number 22, Positive Phase.
M1
IN7
Input Number 7, Negative Phase.
M2
IP8
Input Number 8, Positive Phase.
M3
VPOS
Analog Positive Power Supply.
M4
DGND
Logic Negative Power Supply
M20
D4
Control Pin: Input Address Bit 4.
M21
VPOS
Analog Positive Power Supply.
M22
IP23
Input Number 23, Positive Phase.
M23
IN24
Input Number 24, Negative Phase.
N1
IP9
Input Number 9, Positive Phase.
N2
IN8
Input Number 8, Negative Phase.
N3
VPOS
Analog Positive Power Supply.
N4
A3
Control Pin: Output Address Bit 3.
N20
D3
Control Pin: Input Address Bit 3.
N21
VPOS
Analog Positive Power Supply.
N22
IN25
Input Number 25, Negative Phase.
N23
IP24
Input Number 24, Positive Phase.
P1
IN9
Input Number 9, Negative Phase.
P2
IP10
Input Number 10, Positive Phase.
P3
VNEG
Analog Negative Power Supply.
P4
A2
Control Pin: Output Address Bit 2.
P20
D2
Control Pin: Input Address Bit 2.
P21
VNEG
Analog Negative Power Supply.
P22
IP25
Input Number 25, Positive Phase.
P23
IN26
Input Number 26, Negative Phase.
R1
IP11
Input Number 11, Positive Phase.
R2
IN10
Input Number 10, Negative Phase.
R3
VNEG
Analog Negative Power Supply.
R4
A1
Control Pin: Output Address Bit 1.
R20
D1
Control Pin: Input Address Bit 1.
R21
VNEG
Analog Negative Power Supply.
R22
IN27
Input Number 27, Negative Phase.
R23
IP26
Input Number 26, Positive Phase.
T1
IN11
Input Number 11, Negative Phase.
T2
IP12
Input Number 12, Positive Phase.
T3
VNEG
Analog Negative Power Supply.
T4
A0
Control Pin: Output Address Bit 0.
T20
D0
Control Pin: Input Address Bit 0.
Pin No.
Mnemonic
Description
T21
VNEG
Analog Negative Power Supply.
T22
IP27
Input Number 27, Positive Phase.
T23
IN28
Input Number 28, Negative Phase.
U1
IP13
Input Number 13, Positive Phase.
U2
IN12
Input Number 12, Negative Phase.
U3
VNEG
Analog Negative Power Supply.
U4
VDD
Logic Positive Power Supply.
U20
VDD
Logic Positive Power Supply.
U21
VNEG
Analog Negative Power Supply.
U22
IN29
Input Number 29, Negative Phase.
U23
IP28
Input Number 28, Positive Phase.
V1
IN13
Input Number 13, Negative Phase.
V2
IP14
Input Number 14, Positive Phase.
V3
VNEG
Analog Negative Power Supply.
V4
DGND
Logic Negative Power Supply.
V20
DGND
Logic Negative Power Supply.
V21
VNEG
Analog Negative Power Supply.
V22
IP29
Input Number 29, Positive Phase.
V23
IN30
Input Number 30, Negative Phase.
W1
IP15
Input Number 15, Positive Phase.
W2
IN14
Input Number 14, Negative Phase.
W3
VNEG
Analog Negative Power Supply.
W4
VOCM
Output Common-Mode Reference
Supply.
W20
VOCM
Output Common-Mode Reference
Supply.
W21
VNEG
Analog Negative Power Supply.
W22
IN31
Input Number 31, Negative Phase.
W23
IP30
Input Number 30, Positive Phase.
Y1
IN15
Input Number 15, Negative Phase.
Y2
VPOS
Analog Positive Power Supply.
Y3
VPOS
Analog Positive Power Supply.
Y4
VNEG
Analog Negative Power Supply.
Y5
VOCM
Output Common-Mode Reference
Supply.
Y6
VNEG
Analog Negative Power Supply.
Y7
VNEG
Analog Negative Power Supply.
Y8
VNEG
Analog Negative Power Supply.
Y9
VNEG
Analog Negative Power Supply.
Y10
VNEG
Analog Negative Power Supply.
Y11
VPOS
Analog Positive Power Supply.
Y12
VPOS
Analog Positive Power Supply.
Y13
VPOS
Analog Positive Power Supply.
Y14
VNEG
Analog Negative Power Supply.
Y15
VNEG
Analog Negative Power Supply.
Y16
VNEG
Analog Negative Power Supply.
Y17
VNEG
Analog Negative Power Supply.
Y18
VNEG
Analog Negative Power Supply.
Y19
VOCM
Output Common-Mode Reference
Supply.
Y20
VNEG
Analog Negative Power Supply.
Y21
VPOS
Analog Positive Power Supply.
Y22
IP31
Input Number 31, Positive Phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com