Electronic Components Datasheet Search
  English  ▼

X  

AD8104 Datasheet(PDF) 31 Page - Analog Devices

Part # AD8104
Description  600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8104 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8104 Datasheet HTML 27Page - Analog Devices AD8104 Datasheet HTML 28Page - Analog Devices AD8104 Datasheet HTML 29Page - Analog Devices AD8104 Datasheet HTML 30Page - Analog Devices AD8104 Datasheet HTML 31Page - Analog Devices AD8104 Datasheet HTML 32Page - Analog Devices AD8104 Datasheet HTML 33Page - Analog Devices AD8104 Datasheet HTML 34Page - Analog Devices AD8104 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
AD8104/AD8105
Rev. A | Page 31 of 36
operation as well, as there is a common-mode-to-differential
gain conversion that becomes greater at higher frequencies.
During operation of the AD8104/AD8105, transient currents
flow into the VOCM net from the amplifier control loops.
Although the magnitude of these currents are small (10 µA to
20 µA per output), they can contribute to crosstalk if they flow
through significant impedances. Driving VOCM with a low
impedance, low noise source is desirable.
Power Dissipation
Calculation of Power Dissipation
8
4
15
85
AMBIENT TEMPERATURE (°C)
TJ = 150°C
7
6
5
25
35
45
55
65
75
Figure 70. Maximum Die Power Dissipation vs. Ambient Temperature
The curve in Figure 70 was calculated from
JA
AMBIENT
MAX
JUNCTION
MAX
D
T
T
P
θ
−
=
,
,
(1)
As an example, if the AD8104/AD8105 is enclosed in an envi-
ronment at 45°C (TA), the total on-chip dissipation under all
load and supply conditions must not be allowed to exceed 7.0 W.
When calculating on-chip power dissipation, it is necessary to
include the rms current being delivered to the load, multiplied
by the rms voltage drop on the AD8104/AD8105 output
devices. For a sinusoidal output, the on-chip power dissipation
due to the load can be approximated by
(
)
RMS
OUTPUT
RMS
UTPUT
O
POS
OUTPUT
D
I
V
V
P
,
,
,
×
−
=
For nonsinusoidal output, the power dissipation should be
calculated by integrating the on-chip voltage drop multiplied by
the load current over one period.
The user can subtract the quiescent current for the Class AB
output stage when calculating the loaded power dissipation. For
each output stage driving a load, subtract a quiescent power
according to
(
)
QUIESCENT
OUTPUT
NEG
POS
OUTPUT
DQ
I
V
V
P
,
,
×
−
=
where IOUTPUT, QUIESCENT = 1.65 mA for each single-ended output pin.
For each disabled output, the quiescent power supply current in
VPOS and VNEG drops by approximately 9 mA.
QNPN
QPNP
VNEG
VPOS
VOUTPUT
IOUTPUT
IOUTPUT, QUIESCENT
IOUTPUT, QUIESCENT
Figure 71. Simplified Output Stage
Example
For the AD8104/AD8105, in an ambient temperature of 85°C,
with all 16 outputs driving 1 V rms into 100 Ω loads and power
supplies at ±2.5 V, follow these steps:
1. Calculate power dissipation of AD8104/AD8105 using data
sheet quiescent currents. Disregard VDD current, as it is
insignificant.
(
) (
)
VNEG
NEG
VPOS
POS
QUIESCENT
D
I
V
I
V
P
×
+
×
=
,
(
) (
)
W
7
.
1
mA
340
V
5
.
2
mA
340
V
5
.
2
,
=
×
+
×
=
QUIESCENT
D
P
2. Calculate power dissipation from loads. For a differential
output and ground-referenced load, the output power is
symmetrical in each output phase.
(
)
RMS
OUTPUT
RMS
OUTPUT
POS
OUTPUT
D
I
V
V
P
,
,
,
×
−
=
(
) (
)
mW
15
Ω
100
/
V
1
V
1
V
5
.
2
,
=
×
−
=
OUTPUT
D
P
There are 16 output pairs, or 32 output currents.
W
48
.
0
mW
15
32
,
=
×
=
OUTPUT
D
nP
3. Subtract the quiescent output stage current for number of
loads (32 in this example). The output stage is either
standing, or driving a load, but the current only needs to
be counted once (valid for output voltages > 0.5 V).
(
)
QUIESCENT
OUTPUT
NEG
POS
OUTPUT
DQ
I
V
V
P
,
,
×
−
=
(
)
mW
25
.
8
mA
65
.
1
V)
5
.
2
(
V
5
.
2
,
=
×
−
−
=
OUTPUT
DQ
P
There are 16 output pairs, or 32 output currents.
W
26
.
0
mW
25
.
8
32
,
=
×
=
OUTPUT
DQ
nP
4. Verify that the power dissipation does not exceed the
maximum allowed value.
OUTPUT
DQ
OUTPUT
D
QUIESCENT
D
CHIP
ON
D
nP
nP
P
P
,
,
,
,
−
+
=
−
W
9
.
1
W
26
.
0
W
48
.
0
W
7
.
1
,
=
−
+
=
−CHIP
ON
D
P
From Figure 70 or Equation 1, this power dissipation is below
the maximum allowed dissipation for all ambient temperatures
up to and including 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com