Electronic Components Datasheet Search
  English  ▼

X  

AD8104 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8104
Description  600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8104 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8104 Datasheet HTML 12Page - Analog Devices AD8104 Datasheet HTML 13Page - Analog Devices AD8104 Datasheet HTML 14Page - Analog Devices AD8104 Datasheet HTML 15Page - Analog Devices AD8104 Datasheet HTML 16Page - Analog Devices AD8104 Datasheet HTML 17Page - Analog Devices AD8104 Datasheet HTML 18Page - Analog Devices AD8104 Datasheet HTML 19Page - Analog Devices AD8104 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD8104/AD8105
Data Sheet
Rev. A | Page 16 of 36
CLK, SER/PAR, WE,
UPDATE, DATA IN,
A[3:0], D[5:0]
DGND
1kΩ
Figure 16. Logic Input (see also ESD Protection Map, Figure 18)
VDD
DGND
DATA OUT
Figure 17. Logic Output (see also ESD Protection Map, Figure 18)
VPOS
VNEG
IPn, INn,
OPn, ONn,
VOCM
VDD
DGND
CLK, RESET,
SER/PAR, WE,
UPDATE,
DATA IN,
DATA OUT,
A[3:0], D[5:0]
Figure 18. ESD Protection Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com