Electronic Components Datasheet Search
  English  ▼

X  

AD8104 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8104
Description  600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8104 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8104 Datasheet HTML 16Page - Analog Devices AD8104 Datasheet HTML 17Page - Analog Devices AD8104 Datasheet HTML 18Page - Analog Devices AD8104 Datasheet HTML 19Page - Analog Devices AD8104 Datasheet HTML 20Page - Analog Devices AD8104 Datasheet HTML 21Page - Analog Devices AD8104 Datasheet HTML 22Page - Analog Devices AD8104 Datasheet HTML 23Page - Analog Devices AD8104 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD8104/AD8105
Data Sheet
Rev. A | Page 20 of 36
0
–100
–60
–80
–40
–20
300k
1M
10M
100M
1G 2G
FREQUENCY (Hz)
SINGLE-ENDED IN/OUT
Figure 37. AD8104 Crosstalk, Off Isolation, Single-Ended
6000
5000
0
2000
1000
3000
4000
300k
1M
10M
100M
1G
FREQUENCY (Hz)
DIFFERENTIAL IN
AD8105
AD8104
Figure 38. AD8104, AD8105 Input Impedance
300k
1M
10M
100M
1G
FREQUENCY (Hz)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
AD8105
AD8104
SINGLE-ENDED IN
Figure 39. AD8104, AD8105 Input Impedance, Single-Ended
30000
25000
20000
15000
10000
5000
0
100k
1M
10M
100M
1G
FREQUENCY (Hz)
DIFFERENTIAL OUT
Figure 40. AD8104, AD8105 Output Impedance, Disabled
1000
0.1
100k
1G
FREQUENCY (Hz)
10
1
100
10M
100M
1M
Figure 41. AD8104, AD8105 Output Impedance, Enabled
0.4
–0.4
015
TIME (ns)
–0.2
0
0.2
357
9
11
13
0.3
–0.3
–0.1
0.1
4
6
8
10
12
14
12
Figure 42. AD8104 Small Signal Pulse Response, 200 mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com