Electronic Components Datasheet Search
  English  ▼

X  

AD8104 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8104
Description  600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8104 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8104 Datasheet HTML 13Page - Analog Devices AD8104 Datasheet HTML 14Page - Analog Devices AD8104 Datasheet HTML 15Page - Analog Devices AD8104 Datasheet HTML 16Page - Analog Devices AD8104 Datasheet HTML 17Page - Analog Devices AD8104 Datasheet HTML 18Page - Analog Devices AD8104 Datasheet HTML 19Page - Analog Devices AD8104 Datasheet HTML 20Page - Analog Devices AD8104 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
AD8104/AD8105
Rev. A | Page 17 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±2.5 V at TA = 25°C, RL, diff = 200 Ω, VOCM = 0 V, differential I/O mode, unless otherwise noted.
10
–10
1000
FREQUENCY (MHz)
–2
0
2
–8
–6
–4
4
6
8
1
10
100
AD8105
AD8104
Figure 19. AD8104, AD8105 Small Signal Frequency Response, 200 mV p-p
10
–10
1000
FREQUENCY (MHz)
–2
0
2
–8
–6
–4
4
6
8
1
10
100
AD8105
AD8104
Figure 20. AD8104, AD8105 Large Signal Frequency Response, 2 V p-p
10
–10
0
1000
FREQUENCY (MHz)
8
6
4
2
0
–2
–4
–6
–8
100
10
10pF
5pF
2pF
0pF
Figure 21. AD8104 Small Signal Frequency Response with Capacitive Loads,
200 mV p-p
200
0
540
FREQUENCY (MHz)
180
160
140
120
100
80
60
40
20
560
580
600
620
640
660
680
700
800
Figure 22. AD8104 −3 dB Bandwidth Histogram,
One Device, All 512 Channels
0
–2.0
NUMBER OF ENABLED CHANNELS
–1.0
–1.5
–0.5
12
8
6
4
0
2
16
14
10
Figure 23. AD8104 Bandwidth Error vs. Enabled Channels
0
–70
–60
–50
–40
–30
–20
–10
300k
1M
10M
100M
1G
2G
FREQUENCY (Hz)
DIFFERENTIAL OUT
Figure 24. AD8104, AD8105 Common-Mode Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com