Electronic Components Datasheet Search
  English  ▼

X  

AD8104 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8104
Description  600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8104 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8104 Datasheet HTML 9Page - Analog Devices AD8104 Datasheet HTML 10Page - Analog Devices AD8104 Datasheet HTML 11Page - Analog Devices AD8104 Datasheet HTML 12Page - Analog Devices AD8104 Datasheet HTML 13Page - Analog Devices AD8104 Datasheet HTML 14Page - Analog Devices AD8104 Datasheet HTML 15Page - Analog Devices AD8104 Datasheet HTML 16Page - Analog Devices AD8104 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
AD8104/AD8105
Rev. A | Page 13 of 36
TRUTH TABLE AND LOGIC DIAGRAM
Table 9. Operation Truth Table
WE
UPDATE
CLK
Data Input
Data Output
RESET
SER/PAR
Operation/Comment
X
X
X
X
X
0
X
Asynchronous reset. All outputs are disabled. Remainder
of logic in 192-bit shift register is unchanged.
1
X
Datai1
Datai-192
1
0
Serial mode. The data on the serial DATA IN line is loaded
into the serial register. The first bit clocked into the serial
register appears at DATA OUT 192 clock cycles later.
0
X
X
D0…D52
A0…A33
Not applicable
in parallel mode
1
1
Parallel mode. The data on parallel lines D0 to D5 are
loaded into the shift register location addressed by A0 to A3.
1
0
X
X
Not applicable
in parallel mode
1
X
Switch matrix update. Data in the 192-bit shift register
transfers into the parallel latches that control the switch array.
1
X
X
X
X
1
1
No change in logic.
1
Datai: serial data.
2
D0…D5: data bits.
3
A0…A3: address bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com