Electronic Components Datasheet Search
  English  ▼

X  

LTC4240 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4240
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4240 Datasheet HTML 4Page - Linear Technology LTC4240 Datasheet HTML 5Page - Linear Technology LTC4240 Datasheet HTML 6Page - Linear Technology LTC4240 Datasheet HTML 7Page - Linear Technology LTC4240 Datasheet HTML 8Page - Linear Technology LTC4240 Datasheet HTML 9Page - Linear Technology LTC4240 Datasheet HTML 10Page - Linear Technology LTC4240 Datasheet HTML 11Page - Linear Technology LTC4240 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC4240
8
4240f
PWRGD (Pin 8): Open-Drain Power Good Output. Con-
nect the CPCI HEALTHY# signal to the PWRGD pin.
PWRGD remains low while V12VOUT ≥ 11.1V, V3VOUT ≥
2.9V, V5VOUT ≥ 4.65V and VEEOUT ≤ –10.5V. When any of
the supplies drops below its power good threshold volt-
age, PWRGD will go high after a 10
µsdeglitchingtime.The
switches will not be turned off when PWRGD goes high,
unless a fault has occurred. The CPCI specification calls
for a 0.01
µF bypass capacitor on the backplane for
HEALTHY#.
BE (Pin 9): QuickSwitch Bus Enable Output. The BE output
remains high until power is good on all supplies. This
serves to isolate the I/O data lines during live
insertion. This is a CMOS output powered by 5VIN.
GND (Pin 10): Analog Ground. Connect to analog ground
plane.
ADDRIN (Pin 11): I2C Address Programming Input. The
I2C address is programmed by connecting the ADDRIN
pin to a resistor divider between the 5VIN pin and GND. See
Table 1 for 1% resistor values and corresponding ad-
dresses. Resistors must be placed close to the ADDRIN
pin to minimize errors due to stray capacitance and
resistance on the board trace. Connect this pin to ground
if I2C is not used.
SDA (Pin 12): I2C Data Input and Output. Note that TTL
levels are used. Connect this pin to ground if I2C is not
used.
SCL (Pin 13): I2C Clock Input, 100kHz Maximum. Note
that TTL levels are used. Do not float. Connect this pin to
ground if I2C is not used.
RESETOUT (Pin 14): Open-Drain Reset Output. Connect
the CPCI LOCAL_PCI_RST# signal to the RESETOUT pin.
RESETOUT is the logical combination of RESETIN, PWRGD,
and I2C RESETOUT latch output.
LED (Pin 15): CPCI Status LED. Pulls low to light LED
when RESETOUT is low or when the I2C LED latch is set.
DGND (Pin 16): Digital Ground. Connect to ground plane.
DRIVE (Pin 17): External transistor’s base drive output for
bus precharge. Connects to the base of an external NPN
emitter-follower which in turn biases the PRECHARGE
PRSNT1# (Pin 1): PCI Present Detect Input 1. PRSNT1#
and PRSNT2# are readable over the I2C Bus. PRSNT1#
and PRSNT2# indicate the maximum power used by the
card. Do not float.
PRSNT2# (Pin 2): PCI Present Detect Input 2. Do not float.
12VIN (Pin 3): 12V Supply Input. A 0.5Ω switch is inter-
nally connected between 12VIN and 12VOUT with foldback
current limit. An undervoltage lockout circuit prevents the
switches from turning on while the 12VIN pin is below 8V.
12VIN provides power to some of the LTC4240’s internal
circuitry. See Input Transient Protection section on how to
protect 12VIN from large voltage transients.
VEEIN (Pin 4): –12V Supply Input. A 1Ω internal switch is
connected between VEEIN and VEEOUT with foldback cur-
rent limit. An undervoltage lockout circuit prevents the
switches from turning on while VEEIN is above –9V. See
Connecting VEEIN section for more notes on VEEIN and
VEEOUT. Also refer to Input Transient Protection section.
TIMER/AUX 12VIN (Pin 5): Current Fault Inhibit Timing
Input. Connect a capacitor from TIMER to GND. With the
LTC4240 turned off (OFF/ON = HIGH), the TIMER pin is
internally held at GND. When the device is turned on, an
11.5
µA pull-up current source is connected to TIMER.
Current limit faults will be ignored until the voltage at the
TIMER pin rises above 5.5V. The Timer capacitor also
serves as an auxiliary charge reservoir for internal VCC in
the event the 12VIN pin voltage glitches below the LTC4240
UVL threshold voltage.
5VOUT (Pin 6): 5V Output Sense. The PWRGD pin will not
pull low until the 5VOUT pin voltage exceeds 4.65V. When
the power switches are turned off, a 50
Ω resistor pulls
5VOUT to ground.
FAULT (Pin 7): Open-Drain Fault Output . FAULT is pulled
low when a current limit fault is detected. Current limit
faults are ignored until the voltage at the TIMER pin is
above 5.5V. Once the TIMER cycle is complete, FAULT
pulls low and the LTC4240 turns off (in the event of an
overcurrent fault lasting longer than 35
µs). The LTC4240
will remain in the off state until the OFF/ON pin is cycled
high then low or power is cycled. Note that the OFF/ON
cycling can also be performed using I2C bus.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com