Electronic Components Datasheet Search
  English  ▼

X  

LTC4240 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4240
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4240 Datasheet HTML 3Page - Linear Technology LTC4240 Datasheet HTML 4Page - Linear Technology LTC4240 Datasheet HTML 5Page - Linear Technology LTC4240 Datasheet HTML 6Page - Linear Technology LTC4240 Datasheet HTML 7Page - Linear Technology LTC4240 Datasheet HTML 8Page - Linear Technology LTC4240 Datasheet HTML 9Page - Linear Technology LTC4240 Datasheet HTML 10Page - Linear Technology LTC4240 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC4240
7
4240f
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
–7.6
–8.0
–8.4
–8.8
–9.2
–9.6
–10.0
4240 G25
160
140
120
100
80
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G33
80
60
40
20
0
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G32
80
60
40
20
0
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G29
200
160
120
80
40
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G27
80
60
40
20
0
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G28
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G31
TEMPERATURE (
°C)
500
450
400
350
300
250
200
150
4240 G26
–50
–25
0
25
50
75
100
I = 500mA
VTIMER = 0V
VTIMER = OPEN
VTIMER = OPEN
I = 100mA
3VOUT = 0V
3VOUT = 2V
3VOUT = 3.3V
3VOUT = 0V
VTIMER = 0V
5VOUT = 3V
5VOUT = 0V
5VOUT = 5V
5VOUT = 0V
3VOUT = 3.3V
OFF/ON = 0V
300
280
260
240
220
200
4240 G34
5VOUT = 5V
OFF/ON = 0V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
100
80
60
40
20
0
3V Foldback Current Limit Voltage
vs Temperature
3V Circuit Breaker Trip Voltage
vs Temperature
5V Foldback Current Limit Voltage
vs Temperature
5V Circuit Breaker Trip Voltage
vs Temperature
3VOUT Input Current
vs Temperature
VEEIN UVLO Threshold Voltage
vs Temperature
12VIN Internal Switch Voltage
Drop vs Temperature
VEEIN Internal Switch Voltage Drop
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
5VOUT Input Current
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com