Electronic Components Datasheet Search
  English  ▼

X  

LTC4240 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4240
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4240 Datasheet HTML 6Page - Linear Technology LTC4240 Datasheet HTML 7Page - Linear Technology LTC4240 Datasheet HTML 8Page - Linear Technology LTC4240 Datasheet HTML 9Page - Linear Technology LTC4240 Datasheet HTML 10Page - Linear Technology LTC4240 Datasheet HTML 11Page - Linear Technology LTC4240 Datasheet HTML 12Page - Linear Technology LTC4240 Datasheet HTML 13Page - Linear Technology LTC4240 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC4240
10
4240f
65mV,
TIMER LO
165mV,
TIMER HI
Q8
Q14
VEEIN
4
TIMER
5
VEEOUT
25
3VOUT
24
5VOUT
6
–
+
+–
Q11
Q10
200
µA
65
µA
GATE
5VOUT
55mV
12Vin
19
5VSENSE
20
12VIN
3
12VOUT
26
5VIN
21
–
+
+–
+–
4.3V
UVL
–9V
UVL
8V
UVL
–
+
+–
3VOUT
55mV
3VSENSE
23
3VIN
22
RESETOUT
14
1
9
11
13
2
–
+
–
+
+–
+–
2.45V
UVL
Q6
1V
1.2V
1.2V
–
+
1.2V
–
+
1.2V
–
+
LED
15
Q5
DGND
16
Q3
Q2
SDA
SCL
ADDRIN
PRSNT2#
PRSNT1#
BE
12
Q4
RESETIN 27
PWRGD 8
Q12
FAULT 7
Q13
OFF/ON 28
Q7
Q9
11.5
µA
12VIN
GND
10
DRIVE
17
PRECHARGE
4240 BD
18
LOGIC
Q1
CP3
CP2
CP4
A2
A1
CP1
CP6
CP5
A3
VCB
VCB
70mV,
TIMER LO
165mV,
TIMER HI
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com