Electronic Components Datasheet Search
  English  ▼

X  

LTC4240 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4240
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4240 Datasheet HTML 20Page - Linear Technology LTC4240 Datasheet HTML 21Page - Linear Technology LTC4240 Datasheet HTML 22Page - Linear Technology LTC4240 Datasheet HTML 23Page - Linear Technology LTC4240 Datasheet HTML 24Page - Linear Technology LTC4240 Datasheet HTML 25Page - Linear Technology LTC4240 Datasheet HTML 26Page - Linear Technology LTC4240 Datasheet HTML 27Page - Linear Technology LTC4240 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LTC4240
27
4240f
Table 7. N-Channel Power MOSFET Selection Guide
CURRENT LEVEL (A)
PART NUMBER
DESCRIPTION
MANUFACTURER
0 to 2
MMDF3N02HD
Dual N-Channel SO-8
ON Semiconductor
RDS(ON) = 0.1Ω
2 to 5
MMSF5N02HD
Single N-Channel SO-8
ON Semiconductor
RDS(ON) = 0.025Ω
5 to 10
MTB50N06V
Single N-Channel DD-Pak
ON Semiconductor
RDS(ON) = 0.028Ω
5 to 10
IRF7457
Single N-Channel SO-8
International Rectifier
RDS(ON) = 0.007Ω
5 to 10
Si7880DP
Single N-Channel PowerPAKTM
Vishay-Siliconix
RDS(ON) = 0.003Ω
Table 8. Sense Resistor Selection Guide
CURRENT LIMIT VALUE
PART NUMBER
DESCRIPTION
MANUFACTURER
1A
LR120601R055F
0.055
Ω, 0.5W, 1% Resistor
IRC-TT
WSL1206R055
Vishay-Dale
2A
LR120601R028F
0.028
Ω, 0.5W, 1% Resistor
IRC-TT
WSL1206R028
Vishay-Dale
5A
LR120601R011F
0.011
Ω, 0.5W, 1% Resistor
IRC-TT
WSL2010R011
Vishay-Dale
7.9A
WSL2512R007
0.007
Ω, 1W, 1% Resistor
Vishay-Dale
11A
WSL2512R005
0.005
Ω, 1W, 1% Resistor
Vishay-Dale
PowerPAK is a trademark of Vishay-Siliconix
APPLICATIO S I FOR ATIO
Table 9. Manufacturers’ Web Site
MANUFACTURER
WEB SITE
International Rectifier
www.irf.com
ON Semiconductor
www.onsemi.com
IRC-TT
www.irctt.com
Vishay-Dale
www.vishay.com
Vishay-Siliconix
www.vishay.com
Diodes, Inc.
www.diodes.com
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com