Electronic Components Datasheet Search
  English  ▼

X  

LTC4240 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4240
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4240 Datasheet HTML 20Page - Linear Technology LTC4240 Datasheet HTML 21Page - Linear Technology LTC4240 Datasheet HTML 22Page - Linear Technology LTC4240 Datasheet HTML 23Page - Linear Technology LTC4240 Datasheet HTML 24Page - Linear Technology LTC4240 Datasheet HTML 25Page - Linear Technology LTC4240 Datasheet HTML 26Page - Linear Technology LTC4240 Datasheet HTML 27Page - Linear Technology LTC4240 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC4240
28
4240f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Hot Swap Controller
Dual Supplies for 3V to 12V, Additionally –12V
LTC1422
Hot Swap Controller in SO-8
Single Supply from 3V to 12V
LT1641-1/LT1641-2
Positive Voltage Hot Swap Controller in SO-8
Supplies from 9V to 80V, Latched Off/Auto Retry
LTC1642
Fault Protected Hot Swap Controller
3V to 15V, Overvoltage Protection Up to 33V
LTC1643AL/LTC1643AL-1/ PCI Bus Hot Swap Controllers
3.3V, 5V, 12V, –12V Supplies for PCI Bus
LTC1643AH
LTC1644
CompactPCI Hot Swap Controller
3.3V, 5V,
±12V, I/O Precharge and Local Reset Logic
LTC1645
2-Channel Hot Swap Controller
Operates from 1.2V to 12V, Power Sequencing
LTC1646
CompactPCI Hot Swap Controller for 3.3V and 5V
3.3V and 5V only, I/O Precharge and Local Reset Logic
LTC1647
Dual Hot Swap Controller
Dual ON Pins for Supplies from 3V to 15V
LTC4211
Single Hot Swap Controller with Multifunction Current Control 2.5V to 16.5V, Dual Level Circuit Breaker, No Gate Capacitor
LTC4230
Triple Hot Swap Controller with Multifunction Current Control
1.7V to 16.5V, Dual Level Circuit Breaker, No Gate Capacitor
LTC4241
PCI Hot Swap Controller with 3.3V Auxiliary
3.3V, 5V,
±12V and 3.3VAux Supplies for PCI Bus
LT4250L/LT4250H
–48 Hot Swap Controllers in SO-8
Active Current Limiting, Supplies from –20V to –80V
LTC4251
–48 Hot Swap Controller in SOT-23
Floating Topology, Active Current Limiting
LTC4252
–48 Hot Swap Controller in MSOP
Floating Topology, Active Current Limiting, PWRGD Output
LTC4350
Hot Swappable Load Share Controller
Eliminates ORing Diodes, Identifies and Localizes Faults
PACKAGE DESCRIPTIO
GN Package
28-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0403 2K • PRINTED IN USA
.386 – .393*
(9.804 – 9.982)
GN28 (SSOP) 0502
12
3
4
5
6
7
8
9 10 11 12
.229 – .244
(5.817 – 6.198)
.150 – .157**
(3.810 – 3.988)
20
21
22
23
24
25
26
27
28
19 18 17
13 14
1615
.016 – .050
(0.406 – 1.270)
.015
± .004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
.0075 – .0098
(0.191 – 0.249)
.053 – .069
(1.351 – 1.748)
.008 – .012
(0.203 – 0.305)
.004 – .009
(0.102 – 0.249)
.0250
(0.635)
BSC
.033
(0.838)
REF
.254 MIN
RECOMMENDED SOLDER PAD LAYOUT
.150 – .165
.0250 TYP
.0165
±.0015
.045
±.005
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
INCHES
(MILLIMETERS)
NOTE:
1. CONTROLLING DIMENSION: INCHES
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com