Electronic Components Datasheet Search
  English  ▼

X  

LTC4240 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4240
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4240 Datasheet HTML 2Page - Linear Technology LTC4240 Datasheet HTML 3Page - Linear Technology LTC4240 Datasheet HTML 4Page - Linear Technology LTC4240 Datasheet HTML 5Page - Linear Technology LTC4240 Datasheet HTML 6Page - Linear Technology LTC4240 Datasheet HTML 7Page - Linear Technology LTC4240 Datasheet HTML 8Page - Linear Technology LTC4240 Datasheet HTML 9Page - Linear Technology LTC4240 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC4240
6
4240f
65
60
55
50
45
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G16
3VSENSE = 3.3V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G17
9.0
8.5
8.0
7.5
7.0
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G22
2.55
2.50
2.45
2.40
2.35
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G23
4.45
4.40
4.35
4.30
4.25
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
4240 G24
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
–10.0
–10.5
–11.0
–11.5
–12.0
–12.5
–13.0
4240 G19
6.0
5.8
5.6
5.4
5.2
5.0
4240 G20
40
38
36
34
32
30
4240 G21
4240 G18
34
32
30
28
26
24
22
20
18
5VSENSE = 5V
OFF/ON = 0V
VTIMER = 0V
OFF/ON = 2V
VTIMER = 5V
65
60
55
50
45
TIMER PIN FLOATING
VIN – VSENSE = 0.1V
3VSENSE Input Current
vs Temperature
Timer Pin Turn-Off Current
vs Temperature
Timer Pin Turn-On Current vs
Temperature
Timer Threshold Voltage
vs Temperature
5V/3.3V Circuit Breaker
Overcurrent Fault Response Time
vs Temperature
3VIN UVLO Threshold Voltage
vs Temperature
5VIN UVLO Threshold Voltage
vs Temperature
12VIN UVLO Threshold Voltage
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
5VSENSE Input Current
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com