Electronic Components Datasheet Search
  English  ▼

X  

LT1963A Datasheet(PDF) 11 Page - Linear Technology

Part # LT1963A
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963A Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1963A Datasheet HTML 7Page - Linear Technology LT1963A Datasheet HTML 8Page - Linear Technology LT1963A Datasheet HTML 9Page - Linear Technology LT1963A Datasheet HTML 10Page - Linear Technology LT1963A Datasheet HTML 11Page - Linear Technology LT1963A Datasheet HTML 12Page - Linear Technology LT1963A Datasheet HTML 13Page - Linear Technology LT1963A Datasheet HTML 14Page - Linear Technology LT1963A Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1963A Series
1963af
Figure 2. Adjustable Operation
IN
1963 F02
R2
OUT
VIN
VOUT
ADJ
GND
LT1963A
R1
+
VV
R
R
IR
VV
IA
OUT
ADJ
ADJ
ADJ
=+
Ê
ËÁ
ˆ
¯˜ + ()( )
=
=
∞
121 1
2
1
2
121
3
.
.
m AT 25 C
OUTPUT RANGE = 1.21V TO 20V
Figure 3. Ceramic Capacitor DC Bias Characteristics
APPLICATIO S I FOR ATIO
DC BIAS VOLTAGE (V)
1963 F03
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF
The LT1963A series are 1.5A low dropout regulators op-
timized for fast transient response. The devices are ca-
pable of supplying 1.5A at a dropout voltage of 350mV.
The low operating quiescent current (1mA) drops to less
than 1
mA in shutdown. In addition to the low quiescent
current, the LT1963A regulators incorporate several pro-
tection features which make them ideal for use in battery-
powered systems. The devices are protected against both
reverse input and reverse output voltages. In battery backup
applications where the output can be held up by a backup
battery when the input is pulled to ground, the LT1963A-X
acts like it has a diode in series with its output and prevents
reverse current flow. Additionally, in dual supply applica-
tions where the regulator load is returned to a negative
supply, the output can be pulled below ground by as much
as 20V and still allow the device to start and operate.
Adjustable Operation
The adjustable version of the LT1963A has an output
voltage range of 1.21V to 20V. The output voltage is set by
the ratio of two external resistors as shown in Figure 2. The
device servos the output to maintain the voltage at the ADJ
pin at 1.21V referenced to ground. The current in R1 is
then equal to 1.21V/R1 and the current in R2 is the current
in R1 plus the ADJ pin bias current. The ADJ pin bias
current, 3
mA at 25∞C, flows through R2 into the ADJ pin.
The output voltage can be calculated using the formula in
Figure 2. The value of R1 should be less than 4.17k to
minimize errors in the output voltage caused by the ADJ
pin bias current. Note that in shutdown the output is turned
off and the divider current will be zero.
The adjustable device is tested and specified with the ADJ
pin tied to the OUT pin for an output voltage of 1.21V.
Specifications for output voltages greater than 1.21V will
be proportional to the ratio of the desired output voltage to
1.21V: VOUT/1.21V. For example, load regulation for an
output current change of 1mA to 1.5A is – 3mV typical at
VOUT = 1.21V. At VOUT = 5V, load regulation is:
(5V/1.21V)(–3mV) = – 12.4mV
Output Capacitance and Transient Response
The LT1963A regulators are designed to be stable with a
wide range of output capacitors. The ESR of the output
capacitor affects stability, most notably with small capaci-
tors. A minimum output capacitor of 10
mF with an ESR of
3
Worlessisrecommendedtopreventoscillations.Larger
values of output capacitance can decrease the peak devia-
tions and provide improved transient response for larger
load current changes. Bypass capacitors, used to decouple
individual components powered by the LT1963A, will
increase the effective output capacitor value.
Extra consideration must be given to the use of ceramic
capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior over
temperature and applied voltage. The most common
dielectrics used are Z5U, Y5V, X5R and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitances
in a small package, but exhibit strong voltage and tem-
perature coefficients as shown in Figures 3 and 4. When
used with a 5V regulator, a 10
mF Y5V capacitor can exhibit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com