Electronic Components Datasheet Search
  English  ▼

X  

LT1963A Datasheet(PDF) 6 Page - Linear Technology

Part # LT1963A
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963A Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1963A Datasheet HTML 2Page - Linear Technology LT1963A Datasheet HTML 3Page - Linear Technology LT1963A Datasheet HTML 4Page - Linear Technology LT1963A Datasheet HTML 5Page - Linear Technology LT1963A Datasheet HTML 6Page - Linear Technology LT1963A Datasheet HTML 7Page - Linear Technology LT1963A Datasheet HTML 8Page - Linear Technology LT1963A Datasheet HTML 9Page - Linear Technology LT1963A Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1963A Series
1963af
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
0
14
12
10
8
6
4
2
0
1963 G11
2
10
56
78
9
1
34
TJ = 25
°C
RL =
∞
VSHDN = VIN
LT1963A-3.3 Quiescent Current
INPUT VOLTAGE (V)
0
14
12
10
8
6
4
2
0
1963 G12
4
20
10 12 14 16 18
2
68
TJ = 25
°C
RL = 4.3k
VSHDN = VIN
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
4
1963 G13
1
2
3
10
9
8
7
6
5
TJ = 25
°C
VSHDN = VIN
*FOR VOUT = 1.8V
RL = 180, IL = 10mA*
RL = 18, IL = 100mA*
RL = 6, IL = 300mA*
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
4
1963 G14
1
2
3
10
9
8
7
6
5
RL = 250, IL = 10mA*
RL = 25, IL = 100mA*
RL = 8.33, IL = 300mA*
TJ = 25
°C
VSHDN = VIN
*FOR VOUT = 2.5V
LT1963A Quiescent Current
LT1963A-1.8 GND Pin Current
LT1963A-2.5 GND Pin Current
LT1963A-1.5 GND Pin Current
INPUT VOLTAGE (V)
0
15
20
25
8
1963 G42
10
5
0
123
45
67
9
10
TJ = 25
°C
VSHDN = VIN
*FOR VOUT = 1.5V
RL = 5, IL = 300mA*
RL = 15, IL = 100mA*
RL = 150, IL = 10mA*
INPUT VOLTAGE (V)
0
10
8
6
4
2
0
4
1963 G16
1
2
3
10
9
8
7
6
5
RL = 121, IL = 10mA*
RL = 12.1, IL = 100mA*
RL = 4.33, IL = 300mA*
TJ = 25
°C
VSHDN = VIN
*FOR VOUT = 1.21V
LT1963A GND Pin Current
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
4
1963 G15
1
2
3
10
9
8
7
6
5
RL = 330, IL = 100mA*
RL = 33, IL = 100mA*
RL = 11, IL = 300mA*
TJ = 25
°C
VSHDN = VIN
*FOR VOUT = 3.3V
LT1963A-3.3 GND Pin Current
INPUT VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
1963 G17
0123
4
5
67
8
9
10
RL = 1.8, IL = 1A*
RL = 1.2, IL = 1.5A*
RL = 3.6, IL = 500mA*
TJ = 25
°C
VSHDN = VIN
*FOR VOUT = 1.8V
LT1963A-1.8 GND Pin Current
LT1963A-1.5 GND Pin Current
INPUT VOLTAGE (V)
0
60
80
100
8
1963 G43
40
20
50
70
90
30
10
0
2
1
4
3
67
9
5
10
TJ = 25
°C
VSHDN = VIN
*FOR VOUT = 1.5V
RL = 1, IL = 1.5A*
RL = 1.5, IL = 1A*
RL = 3, IL = 500mA*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com