Electronic Components Datasheet Search
  English  ▼

X  

LT1963A Datasheet(PDF) 18 Page - Linear Technology

Part # LT1963A
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963A Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1963A Datasheet HTML 12Page - Linear Technology LT1963A Datasheet HTML 13Page - Linear Technology LT1963A Datasheet HTML 14Page - Linear Technology LT1963A Datasheet HTML 15Page - Linear Technology LT1963A Datasheet HTML 16Page - Linear Technology LT1963A Datasheet HTML 17Page - Linear Technology LT1963A Datasheet HTML 18Page - Linear Technology LT1963A Datasheet HTML 19Page - Linear Technology LT1963A Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1963A Series
1963af
ST Package
3-Lead Plastic SOT-223
(Reference LTC DWG # 05-08-1630)
PACKAGE DESCRIPTIO
0.114 – 0.124
(2.90 – 3.15)
0.248 – 0.264
(6.30 – 6.71)
0.130 – 0.146
(3.30 – 3.71)
0.264 – 0.287
(6.70 – 7.30)
0.0905
(2.30)
NOM
0.033 – 0.041
(0.84 – 1.04)
0.181
(4.60)
NOM
0.024 – 0.033
(0.60 – 0.84)
0.071
(1.80)
MAX
10
°
MAX
0.012
(0.31)
MIN
0.0008 – 0.0040
(0.0203 – 0.1016)
10
° – 16°
0.010 – 0.014
(0.25 – 0.36)
10
° – 16°
ST3 (SOT-233) 1298



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com