Electronic Components Datasheet Search
  English  ▼

X  

LT1963A Datasheet(PDF) 14 Page - Linear Technology

Part # LT1963A
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963A Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1963A Datasheet HTML 10Page - Linear Technology LT1963A Datasheet HTML 11Page - Linear Technology LT1963A Datasheet HTML 12Page - Linear Technology LT1963A Datasheet HTML 13Page - Linear Technology LT1963A Datasheet HTML 14Page - Linear Technology LT1963A Datasheet HTML 15Page - Linear Technology LT1963A Datasheet HTML 16Page - Linear Technology LT1963A Datasheet HTML 17Page - Linear Technology LT1963A Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1963A Series
1963af
APPLICATIO S I FOR ATIO
Figure 5. Reverse Output Current
OUTPUT VOLTAGE (V)
0
3.0
4.0
5.0
8
1963 F05
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
1
3
4
6
9
7
5
10
LT1963A
VOUT = VADJ
TJ = 25
°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
LT1963A-2.5
VOUT = VFB
LT1963A-3.3
VOUT = VFB
LT1963A-1.8
VOUT = VFB
LT1963A-1.5
VOUT = VFB
Protection Features
The LT1963A regulators incorporate several protection
features which make them ideal for use in battery-powered
circuits. In addition to the normal protection features
associated with monolithic regulators, such as current
limiting and thermal limiting, the devices are protected
against reverse input voltages, reverse output voltages
and reverse voltages from output to input.
Current limit protection and thermal overload protection
are intended to protect the device against current overload
conditions at the output of the device. For normal opera-
tion, the junction temperature should not exceed 125
∞C.
The input of the device will withstand reverse voltages of
20V. Current flow into the device will be limited to less than
1mA (typically less than 100
mA) and no negative voltage
will appear at the output. The device will protect both itself
and the load. This provides protection against batteries
that can be plugged in backward.
The output of the LT1963A can be pulled below ground
without damaging the device. If the input is left open circuit
or grounded, the output can be pulled below ground by
20V. For fixed voltage versions, the output will act like a
large resistor, typically 5k or higher, limiting current flow
to typically less than 600
mA. For adjustable versions, the
output will act like an open circuit; no current will flow out
of the pin. If the input is powered by a voltage source, the
output will source the short-circuit current of the device
and will protect itself by thermal limiting. In this case,
grounding the SHDN pin will turn off the device and stop
the output from sourcing the short-circuit current.
The ADJ pin of the adjustable device can be pulled above
or below ground by as much as 7V without damaging the
device. If the input is left open circuit or grounded, the ADJ
pin will act like an open circuit when pulled below ground
and like a large resistor (typically 5k) in series with a diode
when pulled above ground.
In situations where the ADJ pin is connected to a resistor
divider that would pull the ADJ pin above its 7V clamp
voltage if the output is pulled high, the ADJ pin input
current must be limited to less than 5mA. For example, a
resistor divider is used to provide a regulated 1.5V output
from the 1.21V reference when the output is forced to 20V.
The top resistor of the resistor divider must be chosen to
limit the current into the ADJ pin to less than 5mA when the
ADJ pin is at 7V. The 13V difference between OUT and ADJ
pins divided by the 5mA maximum current into the ADJ pin
yields a minimum top resistor value of 2.6k.
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up while the input is either pulled to
ground, pulled to some intermediate voltage, or is left
open circuit. Current flow back into the output will follow
the curve shown in Figure 5.
When the IN pin of the LT1963A is forced below the OUT
pin or the OUT pin is pulled above the IN pin, input current
will typically drop to less than 2
mA. This can happen if the
input of the device is connected to a discharged (low
voltage) battery and the output is held up by either a
backup battery or a second regulator circuit. The state of
the SHDN pin will have no effect on the reverse output
current when the output is pulled above the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com