Electronic Components Datasheet Search
  English  ▼

X  

LT1963A Datasheet(PDF) 5 Page - Linear Technology

Part # LT1963A
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963A Datasheet(HTML) 5 Page - Linear Technology

  LT1963A Datasheet HTML 1Page - Linear Technology LT1963A Datasheet HTML 2Page - Linear Technology LT1963A Datasheet HTML 3Page - Linear Technology LT1963A Datasheet HTML 4Page - Linear Technology LT1963A Datasheet HTML 5Page - Linear Technology LT1963A Datasheet HTML 6Page - Linear Technology LT1963A Datasheet HTML 7Page - Linear Technology LT1963A Datasheet HTML 8Page - Linear Technology LT1963A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1963A Series
1963af
TEMPERATURE (
°C)
–50
100
1963 G07
050
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
–25
25
75
125
IL = 1mA
TEMPERATURE (
°C)
–50
100
1963 G08
050
1.230
1.225
1.220
1.215
1.210
1.205
1.200
1.195
1.190
–25
25
75
125
IL = 1mA
INPUT VOLTAGE (V)
0
14
12
10
8
6
4
2
0
1963 G09
2
567
8
9
10
1
34
TJ = 25
°C
RL =
∞
VSHDN = VIN
TYPICAL PERFOR A CE CHARACTERISTICS
LT1963A-3.3 Output Voltage
INPUT VOLTAGE (V)
0
14
12
10
8
6
4
2
0
1963 G10
2
10
56
78
9
1
34
TJ = 25
°C
RL =
∞
VSHDN = VIN
LT1963A ADJ Pin Voltage
LT1963A-1.8 Quiescent Current
LT1963A-2.5 Quiescent Current
TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
25
75
1963 G04
–25
0
50
100
125
LT1963A-1.5/1.8/-2.5/-3.3
LT1963A
VIN = 6V
RL =
∞, IL = 0
VSHDN = VIN
TEMPERATURE (
°C)
–50
100
1963 G05
050
1.84
1.83
1.82
1.81
1.80
1.79
1.78
1.77
1.76
–25
25
75
125
IL = 1mA
Quiescent Current
LT1963A-1.8 Output Voltage
LT1963A-1.5 Output Voltage
TEMPERATURE (
°C)
–50
1.53
25
1963 G40
1.50
1.48
–25
0
50
1.47
1.46
1.54
1.52
1.51
1.49
75
100
125
IL = 1mA
TEMPERATURE (
°C)
–50
100
1963 G06
050
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
–25
25
75
125
IL = 1mA
LT1963A-2.5 Output Voltage
LT1963A-1.5 Quiescent Current
INPUT VOLTAGE (V)
0
0
2
6
8
10
14
1
5
7
1963 G41
4
12
4
9
10
2
3
68
TJ = 25
°C
RL =
∞
VSHDN = VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com