Electronic Components Datasheet Search
  English  ▼

X  

LT1963A Datasheet(PDF) 16 Page - Linear Technology

Part # LT1963A
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963A Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1963A Datasheet HTML 12Page - Linear Technology LT1963A Datasheet HTML 13Page - Linear Technology LT1963A Datasheet HTML 14Page - Linear Technology LT1963A Datasheet HTML 15Page - Linear Technology LT1963A Datasheet HTML 16Page - Linear Technology LT1963A Datasheet HTML 17Page - Linear Technology LT1963A Datasheet HTML 18Page - Linear Technology LT1963A Datasheet HTML 19Page - Linear Technology LT1963A Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1963A Series
1963af
PACKAGE DESCRIPTIO
Q(DD5) 1098
0.028 – 0.038
(0.711 – 0.965)
0.143
+0.012
–0.020
()
3.632
+0.305
–0.508
0.067
(1.70)
BSC
0.013 – 0.023
(0.330 – 0.584)
0.095 – 0.115
(2.413 – 2.921)
0.004
+0.008
–0.004
()
0.102
+0.203
–0.102
0.050
± 0.012
(1.270
± 0.305)
0.059
(1.499)
TYP
0.045 – 0.055
(1.143 – 1.397)
0.165 – 0.180
(4.191 – 4.572)
0.330 – 0.370
(8.382 – 9.398)
0.060
(1.524)
TYP
0.390 – 0.415
(9.906 – 10.541)
15
° TYP
0.300
(7.620)
0.075
(1.905)
0.183
(4.648)
0.060
(1.524)
0.060
(1.524)
0.256
(6.502)
BOTTOM VIEW OF DD PAK
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK
Q Package
5-Lead Plastic DD Pak
(Reference LTC DWG # 05-08-1461)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com