Electronic Components Datasheet Search
  English  ▼

X  

TAS3103DBT Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 107 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 103Page - Texas Instruments TAS3103DBT Datasheet HTML 104Page - Texas Instruments TAS3103DBT Datasheet HTML 105Page - Texas Instruments TAS3103DBT Datasheet HTML 106Page - Texas Instruments TAS3103DBT Datasheet HTML 107Page - Texas Instruments TAS3103DBT Datasheet HTML 108Page - Texas Instruments TAS3103DBT Datasheet HTML 109Page - Texas Instruments TAS3103DBT Datasheet HTML 110Page - Texas Instruments TAS3103DBT Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 146 page
background image
3−47
0 1 1 0 0 1 0
48
31
1 1 1 1 1 . 1 0 0
48-Bit RMS Estimate
Spectrum Analyzer
and
VU Meter Output
0 0 0 0 1 1 0 1 0 1
48
28
1 1 1 0 0 . 1 0 1
0 0 0
48
1
0 0 0 0 1 . 0 1 0
0 1 0 1 0 1 1 0
0 0 0
48
0
0 0 0 0 0 . 1 1 0
0 0 1 1 1 0 1 0
0 0 0
48
0 0 0 0 0 . 0 0 0
0 0 0 1 1 0 1 0 1
18
18
18
0
0
0
0
0
Figure 3−28. Logarithmic Number Conversions—Spectrum Analyzer/VU Meter
The time window over which the rms estimate is conducted is programmable via the I2C bus (subaddress 0xBB). The
time window for a given set of coefficients is approximately:
t
Window [*
1
F
S
n(1
* asa)
Where FS is the audio sample rate and asa is a 5.23 format number. The variable asa (and 1 – asa) must be kept
within the range of greater than zero and less than one. The time constant programmed applies to all 10 rms estimate
blocks.
CAUTION: The spectrum analyzer and VU meter functions are only accessible in the I2C
slave mode.
3.9
Dither
The TAS3103 provides a dither block for adding triangular or quadratic (sum of two uncorrelated triangular
distributions) distributed noise to the processed audio data stream prior to routing to the output serial audio port
(SAP). Each of the three monaural channels in the TAS3103 has its own dedicated dither data stream that is
statistically independent from the dither data streams used by the other two monaural channels. The statistical
distribution of the dither data stream, triangular or quadratic, is selectable, but the selection made applies to the dither
data streams for all three monaural channels. Each monaural channel is also assigned a mixer for adjusting the level
at which the dither data stream is inserted into the audio data stream.
Figure 3−29 is a detailed block diagram of the dither block. Five subaddresses are used to fully configure the dither
blocks and the associated channel mixers. In the I2C master mode, these dither parameters are set by the EEPROM
content and cannot be subsequently changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com