Electronic Components Datasheet Search
  English  ▼

X  

TAS3103DBT Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 108 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 104Page - Texas Instruments TAS3103DBT Datasheet HTML 105Page - Texas Instruments TAS3103DBT Datasheet HTML 106Page - Texas Instruments TAS3103DBT Datasheet HTML 107Page - Texas Instruments TAS3103DBT Datasheet HTML 108Page - Texas Instruments TAS3103DBT Datasheet HTML 109Page - Texas Instruments TAS3103DBT Datasheet HTML 110Page - Texas Instruments TAS3103DBT Datasheet HTML 111Page - Texas Instruments TAS3103DBT Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 146 page
background image
3−48
3.9.1
Dither Seeds
The dither circuit consists of two linear feedback shift registers—LFSR1 and LFSR2. The dither seed subaddress
(0xC7) consists of a byte-wide seed for LFSR1 (bits 7:0) and a byte-wide seed for LFSR2 (bits 15:8). The seeds serve
to define the starting point of each LFSR sequence, but not the feedback structure itself. Each linear feedback shift
register (LFSR) is a 26-bit structure that runs off the digital audio processor (DAP) clock. For a maximum DAP clock
frequency of 135.168 MHz [12.288 MHz (MCLKI) x 11 (PLL multiplier)], the 26-bit LFSR has a cycle time of 496.5 ms
(226/135.168 MHz). LFSR1 and LFSR2 use the same feedback structure but different taps for outputting. As long as
the seeds for the two LFSRs are not
±13 counts apart (in which case the two different sets of output taps would
correlate), any set of seed values for LFSR1 and LFSR2 is suitable.
When two or more TAS3103s are powered by the same supply, a concern as to whether or not there is correlation
between the dither data streams on different chips arises. At power turn on, a TAS3103 does not begin the dither
process until reset is deactivated. If the TAS3103s are reset by the internal power good signals from the internal
regulators, the chip-to-chip variance of the logic voltage threshold point at which the power good signal is deactivated
assures, with a high probability, that the dither data streams between chips are uncorrelated. However, when an
external logic-driven reset is applied to the TAS3103s, the probability of correlation between the dither data streams
on different chips after the rest is removed significantly increases. For this reason, the dither seeds have been made
programmable via the I2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com