Electronic Components Datasheet Search
  English  ▼

X  

LM4756 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4756
Description  Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4756 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4756 Datasheet HTML 1Page - National Semiconductor (TI) LM4756 Datasheet HTML 2Page - National Semiconductor (TI) LM4756 Datasheet HTML 3Page - National Semiconductor (TI) LM4756 Datasheet HTML 4Page - National Semiconductor (TI) LM4756 Datasheet HTML 5Page - National Semiconductor (TI) LM4756 Datasheet HTML 6Page - National Semiconductor (TI) LM4756 Datasheet HTML 7Page - National Semiconductor (TI) LM4756 Datasheet HTML 8Page - National Semiconductor (TI) LM4756 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics (Notes 3, 4) (Continued)
The following specifications apply for V
CC = +22V, and Volume at 0dB unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4756
Units
(Limits)
Typical
(Note 8)
Limit
(Note 9)
SNR
Signal-to-Noise Ratio
Measured at 1 kHz, R
s =25
P
o = 4.8W, A - Weighted,
70
dB
Standby
V
IL
Standby Low Input Voltage
0.8
V (max)
V
IH
Standby High Input Voltage
2.0
V (min)
Mute
V
IL
Mute Low Input Voltage
0.8
V (max)
V
IH
Mute High Input Voltage
2.0
V (min)
Note 1: DC Electrical Test.
Note 2: AC Electrical Test.
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device
is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions
which guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where
no limit is given, however, the typical value is a good indication of device performance.
Note 4: All voltages are measured with respect to the ground (pin 8), unless otherwise specified.
Note 5: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX = (TJMAX -TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For operating at case
temperatures above 25˚C, the device must be derated based on a 150˚C maximum junction temperature and a thermal resistance of
θJC = 1.5˚C/W (junction to
case).
Note 6: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 7: Machine model, 200pF–240pF discharge through all pins.
Note 8: Typicals are measured at 25˚C and represent the parametric norm.
Note 9: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 10: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Standby Mute Pin Function Table
Standby (Pin 9)
Mute (Pin 10)
Operating Condition
“L” or Open
“L”
Play
“L” or Open
“H” or Open
Mute
“H”
“L”
Standby
“H”
“H” or Open
Standby
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com