Electronic Components Datasheet Search
  English  ▼

X  

LM4756 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4756
Description  Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4756 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4756 Datasheet HTML 4Page - National Semiconductor (TI) LM4756 Datasheet HTML 5Page - National Semiconductor (TI) LM4756 Datasheet HTML 6Page - National Semiconductor (TI) LM4756 Datasheet HTML 7Page - National Semiconductor (TI) LM4756 Datasheet HTML 8Page - National Semiconductor (TI) LM4756 Datasheet HTML 9Page - National Semiconductor (TI) LM4756 Datasheet HTML 10Page - National Semiconductor (TI) LM4756 Datasheet HTML 11Page - National Semiconductor (TI) LM4756 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Application Information (Continued)
for a debounce circuit when using a mechanical switch to
control the IC logic functions. However, most systems typi-
cally utilize a microprocessor or COP microcontroller to in-
terface with the logic control functions of the LM4756. When
a clean logic signal is used, as from a microcontroller, the RC
lowpass filter is not required.
DC Volume Control
The DC volume control for the LM4756 works between 0V
and 5V. When the volume pin (pin 3) is 0V, the IC’s preamp
stage is fully attenuated to 80dB. When the volume pin is at
5V, the preamp stage passes audio at 0dB.
The DC volume attenuation curve for the LM4756 is in-
tended to provide smooth accurate attenuation changes at
higher DC voltages, but then attenuate fast to 80dB at lower
DC voltages. This means that when the volume control is
turned down, the amplification is quickly attenuated, while at
normal listening levels, attenuation changes are more
gradual. Please refer to the Volume Attenuation vs DC Volt-
age curve in the Typical Performance Characteristics sec-
tion.
The DC voltage to pin 3 can be controlled with a potentiom-
eter as shown in Figures 1, 3. A 100k
Ω resistor and a 1µF
capacitor form an RC lowpass filter that keeps any unnec-
essary noise from coupling into the device. Any noise that is
coupled into the device is gained up by 40dB.
Turn On/Off Characteristics
In order to minimize turn on and off pops, the LM4756 should
be powered up by using the sequence described below.
Figure 4 shows the sequence for turn on and off.
Since the power supply voltage of the power amplifier is
about 4 times more than a 5V power supply, it is assumed
that the logic voltage supply for the standby and mute func-
tions is up before the large power supply reservoir capacitors
are charged. The LM4756 should be placed into standby
mode before the undervoltage protection circuitry is dis-
abled. The undervoltage protection circuitry will keep the
outputs of the LM4756 at 0V until the voltage from V
CC to
GND is about 9.5V. If the standby function is disabled when
the supply voltage exceeds this value, the single-supply
biasing of the output stage will then begin to charge up to
V
CC/2. The pop performance under this condition is quite
good, however, it is highly recommended that the Mute and
Standby pin voltages are high at 5V while the main power
supply voltage, V
CC, is ramping up.
Once the main supply voltage is up to its full value, the
standby function can then be brought low to 0V. The biasing
of the amplifier and the output stage will then begin to charge
up to V
CC/2. Notice that the supply current draw is approxi-
mately 7mA until the standby function is disabled, at which
point, the supply current increases to approximately 13mA
while in mute mode.
Once the single-supply biasing is established, the mute pin
voltage can be brought down to 0V, allowing the IC to amplify
the input signal. As shown in Figure 4, the input signal that is
applied to the IC all throughout the power-up process is not
passed to the speaker until the mute function is disabled.
The typical quiescent power supply current while in play
mode is approximately 80mA.
The same sequence should be applied when powering down
the device. First the IC should be placed into mute mode,
muting the output, then placed into standby mode where the
bias and output coupling caps are gradually discharged to
ground. Once the biasing of the IC is brought to ground, the
main power supplies can be powered down. This power-up
and power-down sequence is highly recommended. Abrupt
changes in output current from enabling standby while the
output is driving an inductive load (like a speaker) may cause
the IC to handle extreme levels of power due to inductive
kickback. The IC may not be able to handle this and should
be avoided.
20064427
FIGURE 3. Volume Pin Lowpass Filter
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com