Electronic Components Datasheet Search
  English  ▼

X  

LM4756 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4756
Description  Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4756 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4756 Datasheet HTML 9Page - National Semiconductor (TI) LM4756 Datasheet HTML 10Page - National Semiconductor (TI) LM4756 Datasheet HTML 11Page - National Semiconductor (TI) LM4756 Datasheet HTML 12Page - National Semiconductor (TI) LM4756 Datasheet HTML 13Page - National Semiconductor (TI) LM4756 Datasheet HTML 14Page - National Semiconductor (TI) LM4756 Datasheet HTML 15Page - National Semiconductor (TI) LM4756 Datasheet HTML 16Page - National Semiconductor (TI) LM4756 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Application Information (Continued)
BILL OF MATERIALS FOR REFERENCE PCB
Symbol
Value
Tolerance
Type/Description
Comment
R
1
3.3k
Ω
5%
1/4 Watt
R
2
36k
Ω
5%
1/4 Watt
R
3
20k
Ω
5%
1/4 Watt
R
4
5.1k
Ω
5%
1/4 Watt
R
5,R6,
51k
Ω
5%
1/4 Watt
R
SN1,RSN2
1.5
Ω
5%
1/4 Watt
R
V
10k
Ω
20%
1/4 Watt
C
IN1,CIN2
0.47µF
10%
Metallized Polyester Film
C
N1,CN2,CN3,CN4
0.01µF
20%
Monolithic Ceramic
C
SN1,CSN2
0.1µF
20%
Monolithic Ceramic
C
8
0µF
20%
Electrolytic / 16V
C
9
1µF
20%
Electrolytic / 16V
C
O1,CO2
10µF
20%
Electrolytic / 16V
C
B
10µF
20%
Electrolytic / 16V
C
7
22µF
20%
Electrolytic / 16V
C
OUT1,COUT2,
1,000µF
20%
Electrolytic / 25V
C
S1
0.1µF
20%
Monolithic Ceramic
C
S2
10µF
20%
Electrolytic / 35V
C
S3
1,000µF
20%
Electrolytic / 35V
D
1,D2
Standard Diode
V
Z1
5.1V
1W
Zener Diode
S
1,S2
SPDT (on-on) Switch
J
1,J2,J3,J4
Non-Switched PC Mount
RCA Jack
J
2,J4,J6
PCB Banana Jack - BLACK
J
1,J3,J5
PCB Banana Jack - RED
Q
1
2N3904 Small Signal
transistor in TO-92 package
U1
15 lead TO-220 Power Socket or
LM4756 IC
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com