Electronic Components Datasheet Search
  English  ▼

X  

LM4756 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4756
Description  Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4756 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4756 Datasheet HTML 1Page - National Semiconductor (TI) LM4756 Datasheet HTML 2Page - National Semiconductor (TI) LM4756 Datasheet HTML 3Page - National Semiconductor (TI) LM4756 Datasheet HTML 4Page - National Semiconductor (TI) LM4756 Datasheet HTML 5Page - National Semiconductor (TI) LM4756 Datasheet HTML 6Page - National Semiconductor (TI) LM4756 Datasheet HTML 7Page - National Semiconductor (TI) LM4756 Datasheet HTML 8Page - National Semiconductor (TI) LM4756 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM4756
Dual 7W Audio Power Amplifier w/Mute, Standby and
Volume Control
General Description
The LM4756 is a stereo audio amplifier capable of delivering
7W/channel at 10% distortion into a 4
Ω or 8Ω load. The
power amp has an internally set gain of 30dB. A 0V–5V DC
controlled volume block provides 80dB of attenuation from
input to line-out. Line outputs are available after the volume
control for signal routing.
The amplifier has a smooth transition fade-in/out mute and a
power conserving standby function which are controlled
through TTL or CMOS logic. Both functions provide over
75dB of attenuation.
The LM4756 maintains an excellent Signal-to-Noise ratio of
greater than 70dB with a low noise floor less than 2mV. The
IC also maintains above 50dB of channel separation.
The LM4756 is available in a 15-lead non-isolated plastic
package and is designed for use in TV applications requiring
single supply operation.
Key Specifications
n
Output power into 4
Ω or 8Ω at 10% THD
7W (typ)
n
Maximum operating voltage
28V (max)
n
Power output stage Noise floor
2mV (typ)
n
Line output Noise floor
55µV (typ)
n
0V–5V DC controlled volume attenuation
80dB (typ)
n
Mute attenuation
75dB (typ)
n
Standby-mode supply current
7mA (typ)
Features
n
Quiet fade-in/out mute function
n
Stereo variable line-out pins
n
AC output short circuit protection
n
Thermal shutdown protection
Applications
n
Audio amplifier for stereo TVs
n
Audio amplifier component stereo
n
Audio amplifier compact stereo
Connection Diagrams
Plastic Package
Plastic Package
20064433
Top View
Order Number LM4756TA
See NS Package Number TA15A
90 Degree Lead Bend
Order Number LM4756TA Spec. LB10
See NS Package Number TA15D
20064444
Top View
U - Wafer Fab Code
Z - Assembly Plant Code
XY - Date Code
TT - Die Traceability
LM4756TA - LM4756TA
September 2003
© 2003 National Semiconductor Corporation
DS200644
www.national.com


Similar Part No. - LM4756

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
LM4752 NSC-LM4752 Datasheet
780Kb / 22P
Stereo 11W Audio Power Amplifier
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
LM4752 TI2-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
REVISED APRIL 2013
logo
National Semiconductor ...
LM4752T NSC-LM4752T Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
More results

Similar Description - LM4756

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4753 NSC-LM4753 Datasheet
464Kb / 13P
Dual 10W Audio Power Amplifier w/Mute, Standby and Volume Control
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
30 W 30 W stereo amplifier with mute and standby
19-Dec-2011
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
40 W 40 W stereo amplifier with mute and standby
29-Feb-2012
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com