Electronic Components Datasheet Search
  English  ▼

X  

LM4756 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4756
Description  Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4756 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4756 Datasheet HTML 7Page - National Semiconductor (TI) LM4756 Datasheet HTML 8Page - National Semiconductor (TI) LM4756 Datasheet HTML 9Page - National Semiconductor (TI) LM4756 Datasheet HTML 10Page - National Semiconductor (TI) LM4756 Datasheet HTML 11Page - National Semiconductor (TI) LM4756 Datasheet HTML 12Page - National Semiconductor (TI) LM4756 Datasheet HTML 13Page - National Semiconductor (TI) LM4756 Datasheet HTML 14Page - National Semiconductor (TI) LM4756 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application Information (Continued)
Line Out
The line out function for the LM4756 is intended to provide
preamp output control for signal routing to an external power
amplifier. An example of this would be in a TV where the TV’s
remote control provides volume control on the audio signals
that may be sent to a home theater receiver. The line out
amplifier is only able to drive high impedance loads like 2k
Ω
and 10k
Ω. Since the LM4756 utilizes a single +22V power
supply, the output of the line out amplifier is biased at 1⁄2 of
V
CC or +11V. Because of this, its output should be capacitor
coupled to any other processing IC. The value of the capaci-
tor is chosen by using Equation (1).
f = 1/2
πRC
(1)
where R is the processing IC input impedance and f is the
lowest audio frequency to be passed, like 20Hz. The value of
capacitance is then calculated. For a 10k
Ω impedance,
C = 1µF.
AC Short Circuit Protection
The LM4756 is AC short circuit protected with a current
limiting setting minimum of 2.0A. Current limiting protection
works on AC waveforms only. DC shorts from the output to
ground are not protected. Generally this is not a concern as
there is a DC blocking capacitor on the output to protect the
speaker from single-supply DC bias.
Thermal Shutdown Protection
The LM4756 has a thermal shutdown protection scheme that
limits the drive capability of each amplifier output when the
internal die temperature reaches the temperature trip point
of 150˚C. The limiting of the output current drive capability is
proportional to increasing die temperature.
When the IC is in thermal shutdown mode, all of the DC
biases of the IC remain unchanged. It is only the current
drive capability of the output power transistors that is limited.
This thermal shutdown mechanism provides for smooth au-
dio attenuation rather than abruptly pulling the outputs to
ground. When the outputs are being limited, the maximum
20064430
FIGURE 6. Turn-On/Off External Circuitry Sequence
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com