Electronic Components Datasheet Search
  English  ▼

X  

RT7304 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7304
Description  Primary-Side-Regulation LED Driver Controller with Active PFC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7304 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7304 Datasheet HTML 1Page - Richtek Technology Corporation RT7304 Datasheet HTML 2Page - Richtek Technology Corporation RT7304 Datasheet HTML 3Page - Richtek Technology Corporation RT7304 Datasheet HTML 4Page - Richtek Technology Corporation RT7304 Datasheet HTML 5Page - Richtek Technology Corporation RT7304 Datasheet HTML 6Page - Richtek Technology Corporation RT7304 Datasheet HTML 7Page - Richtek Technology Corporation RT7304 Datasheet HTML 8Page - Richtek Technology Corporation RT7304 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT7304
4
DS7304-04 February 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Protections
LED Open-Circuit Protection
In an event of output open circuit, the converter will be
shut down to prevent being damaged, and it will be auto-
restarted when the output is recovered. Once the LED is
open, the output voltage and VZCD will rise. When the
sample-and-hold ZCD voltage (VZCD_SH) exceeds its OV
threshold (VZCD_OVP, 3.1V typ.), output OVP will be
activated and the PWM output (GD pin) will be forced low
to turn off the main switch. If the output is still open-circuit
when the converter restarts, the converter will be shut
down again.
Figure 4. Valley Signal Generating Method
Figure 5 illustrates how valley signal triggers PWM. If no
valley signal is detected for a long time, the next PWM is
triggered by a starter circuit at the end of the interval (tSTART,
130
μs typ.) which starts at the rising edge of the previous
PWM signal. A blanking time (tS(MIN), 8.5
μs typ.), which
starts at the rising edge of the previous PWM signal, limits
minimum switching period. When the tS(MIN) interval is
on-going, all of valley signals are not allowed to trigger
the next PWM signal. After the end of the tS(MIN) interval,
the coming valley will trigger the next PWM signal. If one
or more valley signals are detected during the tS(MIN)
interval and no valley is detected after the end of the tS(MIN)
interval, the next PWM signal will be triggered
automatically at the end of the tS(MIN) + 5
μs (typ.).
Figure 5. PWM Triggered Method
VZCD
Valley
Signal
PWM
500ns
tMASK
VZCDA
VZCDT
PWM
tS(MIN)
5µs
Valley
Signal
PWM
tS(MIN)
Valley
Signal
PWM
Valley
Signal
tS(MIN)
PWM
Valley
Signal
tSTART
……
……
Quasi-Resonant Operation
For improving converter's efficiency, the RT7304 detects
valleys of the Drain-to-Source voltage (VDS) of main switch
and turns on it near the selected valley. For the valley
detections, a pulse of the “valley signal” is generated
after a 500ns(typ.) delay time which starts at which the
voltage (VZCD) on ZCD pin goes down and reaches the
voltage threshold (VZCDT, 0.4V typ.). During the rising of
the VZCD, the VZCD must reach the voltage threshold
(VZCDA, 0.5V typ.). Otherwise, no pulse of the “valley
signal” is generated. Moreover, if the timing when the
falling VZCD reaches VZCDT is not later than a mask time
(tMASK, 2
μs typ.) then the valley signal will be masked and
regards as no valley, as shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com