Electronic Components Datasheet Search
  English  ▼

X  

RT7304 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT7304
Description  Primary-Side-Regulation LED Driver Controller with Active PFC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7304 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT7304 Datasheet HTML 6Page - Richtek Technology Corporation RT7304 Datasheet HTML 7Page - Richtek Technology Corporation RT7304 Datasheet HTML 8Page - Richtek Technology Corporation RT7304 Datasheet HTML 9Page - Richtek Technology Corporation RT7304 Datasheet HTML 10Page - Richtek Technology Corporation RT7304 Datasheet HTML 11Page - Richtek Technology Corporation RT7304 Datasheet HTML 12Page - Richtek Technology Corporation RT7304 Datasheet HTML 13Page - Richtek Technology Corporation RT7304 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT7304
11
DS7304-04 February 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Output Current Setting
Considering the conversion efficiency, the programmed
DC level of the average output current (IOUT (t)) can be
derived as :
CC
P
OUT_CC
TX1
SCS
SEC_PK
S
TX1
PRI_PK
P
K
N
1
I
=
CTR
2N
R
I
N
CTR
=
IN

in which CTRTX1 is the current transfer ratio of the
transformer TX1, ISEC_PK is the peak current of secondary
side, and IPRI_PK is the peak current of the primary side.
CTRTX1 can be estimated to be 0.9.
According to the above parameters, current sense resistor
RCS can be determined as the following equation :
CC
P
CS
TX1
SOUT_CC
K
N
1
R=
CTR
2N
I

Propagation Delay Compensation Design
The VCS deviation (
ΔVCS) caused by propagation delay
effect can be derived as :
IN
D
CS
CS
m
Vt
R
V
=
L

A
CS
PC
IN
P
ZCD1
N
1
I
= K
V
NR

in which tD is the delay period which includes the
propagation delay of the RT7304 and the turn-off transition
of the main MOSFET. The sourcing current from CS pin
of the RT7304 (ICS) can be expressed as :
where NA is the turns number of auxiliary winding.
RPC can be designed by :
CS
D
CS
ZCD1
P
PC
CS
m
PC
A
Vt
R
R
N
R
=
=
IL
K
N

Minimum On-Time Setting
The RT7304 limits a minimum on-time (tON(MIN)) for each
switching cycle. The tON(MIN) is a function of the sample-
and-hold ZCD current (IZCD_SH) as following :
ON(MIN)
ZCD_SH
t
I
375p sec A (typ.)

IN
A
ZCD_SH
ZCD1
P
VN
I
=
RN
IZCD_SH can be expressed as :
Thus, RZCD1 can be determined by :
ON(MIN)
IN
A
ZCD1
P
tV
N
R
=
(typ.)
375p
N
AC(MAX)
A
ZCD1
P
2V
N
R
>
2.5m
N
In addition, the current flowing out of ZCD pin must be
lower than 2.5mA (typ.). Thus, the RZCD1 is also
determined by :
where the VAC(MAX) is maximum input AC voltage.
Output Over-Voltage Protection Setting
Output OVP is achieved by sensing the knee voltage on
the auxiliary winging. It is recommended that output OV
level (VOUT_OVP) is set at 120% of nominal output voltage
(VOUT)
. Thus, RZCD1 and RZCD2 can be determined by the
equation as :
ZCD2
A
OUT
S
ZCD1
ZCD2
R
N
V
120% = 3.1V (typ.)
NR
R

Component
Range of Typical Value
CVDD
10
F to 33F
CCOMP
1
F to 4.7F
CZCD
10pF to 22pF
CCS
NC to 22pF
RST
0.68M
 to 2M
RGP
10k
 to 22k
RG
10
 to 47
RAUX
10
 to 100
Table 2. Suggested Component Values Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com