Electronic Components Datasheet Search
  English  ▼

X  

RT7304 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7304
Description  Primary-Side-Regulation LED Driver Controller with Active PFC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7304 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7304 Datasheet HTML 1Page - Richtek Technology Corporation RT7304 Datasheet HTML 2Page - Richtek Technology Corporation RT7304 Datasheet HTML 3Page - Richtek Technology Corporation RT7304 Datasheet HTML 4Page - Richtek Technology Corporation RT7304 Datasheet HTML 5Page - Richtek Technology Corporation RT7304 Datasheet HTML 6Page - Richtek Technology Corporation RT7304 Datasheet HTML 7Page - Richtek Technology Corporation RT7304 Datasheet HTML 8Page - Richtek Technology Corporation RT7304 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT7304
®
DS7304-04 February 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Primary-Side-Regulation LED Driver Controller
with Active PFC
General Description
The RT7304 is a constant current LED driver with active
power factor correction. It supports high power factor
across a wide range of line voltages, and it drives the
converter in the Quasi-Resonant (QR) mode to achieve
higher efficiency. By using Primary Side Regulation (PSR),
the RT7304 controls the output current accurately without
a shunt regulator and an opto-coupler at the secondary
side, reducing the external component count, the cost,
and the volume of the driver board.
The RT7304 embeds comprehensive protection functions
for robust designs, including LED open-circuit protection,
LED short-circuit protection, output diode short-circuit
protection, VDD Under-Voltage lockout (UVLO), VDD Over-
Voltage Protection (VDD OVP), Over-Temperature
Protection (OTP), and cycle-by-cycle current limitation.
Features
Tight LED Current Regulation
No Opto-Coupler and TL431 Required
Power Factor Correction (PFC)
Quasi-Resonant
Maximum/Minimum
Switching
Frequency
Clamping
Maximum/Minimum On-Time Limitation
Wide VDD Voltage Range (up to 25V)
Multiple Protection Features

LED Open-Circuit Protection

LED Short-Circuit Protection

Output Diode Short-Circuit Protection

VDD Under-Voltage Lockout

VDD Over-Voltage Protection

Over-Temperature Protection

Cycle-by-Cycle Current Limit
RoHS Compliant and Halogen Free
Simplified Application Circuit
Applications
AC/DC LED Lighting driver
Marking Information
Flyback Converter
Buck-Boost Converter
0H=DNN
0H= : Product Code
DNN : Date Code
VOUT+
GD
CS
VDD
RT7304
VOUT-
DOUT
TX1
RG
RPC
RCS
DAUX
CVDD
RZCD1
RZCD2
ZCD
RST
CSIN
Line
Neutral
BD
COUT
COMP
CCOMP
GND
Q1
VOUT-
GD
CS
VDD
RT7304
VOUT+
DOUT
TX1
RG
RPC
RCS
DAUX
CVDD
RZCD1
RZCD2
ZCD
RST
CSIN
Line
Neutral
BD
COUT
COMP
CCOMP
GND
Q1


Similar Part No. - RT7304

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
RT7304AGE RICHTEK-RT7304AGE Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
More results

Similar Description - RT7304

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1682 BCDSEMI-AP1682 Datasheet
374Kb / 11P
Single Stage Primary Side Regulation PFC Controller For LED Driver
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
Primary Side Control Offline LED Controller with Active PFC
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
Single-Stage PFC Primary-Side-Regulation LED Driver
logo
Diodes Incorporated
AP1682E DIODES-AP1682E Datasheet
366Kb / 10P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR LED DRIVER
Rev 1
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
Rev 2
logo
Holtek Semiconductor In...
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
Primary side regulation off line LED driver with active PFC
August 17, 2016
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
Primary Side Regulation Off Line LED Driver with Active PFC
September 08, 2015
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
Primary-Side-Regulation Dimmable LED Driver Controller
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
logo
Monolithic Power System...
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
Primary-Side-Control, Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com