Electronic Components Datasheet Search
  English  ▼

X  

RT7304 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT7304
Description  Primary-Side-Regulation LED Driver Controller with Active PFC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7304 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT7304 Datasheet HTML 2Page - Richtek Technology Corporation RT7304 Datasheet HTML 3Page - Richtek Technology Corporation RT7304 Datasheet HTML 4Page - Richtek Technology Corporation RT7304 Datasheet HTML 5Page - Richtek Technology Corporation RT7304 Datasheet HTML 6Page - Richtek Technology Corporation RT7304 Datasheet HTML 7Page - Richtek Technology Corporation RT7304 Datasheet HTML 8Page - Richtek Technology Corporation RT7304 Datasheet HTML 9Page - Richtek Technology Corporation RT7304 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT7304
6
DS7304-04 February 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VDD = 15V, TA = 25
°C, unless otherwise specification)
Absolute Maximum Ratings
(Note 1)
VDD to GND -----------------------------------------------------------------------------------------------------------------
−0.3V to 30V
GD to GND -------------------------------------------------------------------------------------------------------------------
−0.3V to 20V
CS, ZCD, COMP to GND -------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOT-23-6 --------------------------------------------------------------------------------------------------------------------- 0.42W
Package Thermal Resistance (Note 2)
SOT-23-6,
θJA ---------------------------------------------------------------------------------------------------------------- 235.6°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VDD ----------------------------------------------------------------------------------------------- 12V to 25V
COMP Voltage, VCOMP ---------------------------------------------------------------------------------------------------- 0.7V to 4.3V
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDD Supply Current and Protections Section
VDD OVP Threshold Voltage
VOVP
25.5
27
28.5
V
VDD OVP De-bounce Time
(Note 5)
--
10
--
s
Rising UVLO Threshold Voltage VTH_ON
15
16
17
V
Falling UVLO Threshold Voltage VTH_OFF
8
9
10
V
Operating Supply Current
IDD_OP
IZCD = 0, GD Open
--
--
3.5
mA
Start-up Current
VDD = VTH_ON  1V
--
--
30
A
ZCD Section
Lower Clamp Voltage
IZCD = 0 to 2.5mA
--
0
0.3
V
ZCD OVP Threshold Voltage
VZCD_OVP
At the Knee Point (Note 5)
2.8
3.1
3.4
V
Constant Current Control Section
Regulated factor for
Constant-Current Control
KCC
246.25
250
253.75
mV
Maximum COMP Voltage
ICOMP < 30A
4.5
--
--
V
Maximum COMP Sourcing
Current
ICOMP(MAX) VCOMP < 3.5V
--
62.5
--
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com