Electronic Components Datasheet Search
  English  ▼

X  

RT7304 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7304
Description  Primary-Side-Regulation LED Driver Controller with Active PFC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7304 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7304 Datasheet HTML 1Page - Richtek Technology Corporation RT7304 Datasheet HTML 2Page - Richtek Technology Corporation RT7304 Datasheet HTML 3Page - Richtek Technology Corporation RT7304 Datasheet HTML 4Page - Richtek Technology Corporation RT7304 Datasheet HTML 5Page - Richtek Technology Corporation RT7304 Datasheet HTML 6Page - Richtek Technology Corporation RT7304 Datasheet HTML 7Page - Richtek Technology Corporation RT7304 Datasheet HTML 8Page - Richtek Technology Corporation RT7304 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT7304
2
DS7304-04 February 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
GND
Ground of the Controller.
2
VDD
Supply Voltage (VDD) Input. The controller will be enabled when VDD exceeds VTH_ON
and disabled when VDD is lower than VTH_OFF.
3
GD
Gate Driver Output for External Power MOSFET.
4
CS
Current Sense Input. Connect this pin to the current sense resistor.
5
ZCD
Zero Current Detection Input. This pin is used to sense the voltage at auxiliary winding of
the transformer.
6
COMP
Compensation Node. Output of the internal trans-conductance amplifier.
Function Block Diagram
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
SOT-23-6
GND VDD GD
COMP ZCD CS
4
23
5
6
RT7304
Package Type
E : SOT-23-6
Lead Plating System
G : Green (Halogen Free and Pb Free)
Starter
Circuit
Output Diode
Short Circuit
Protection
COMP
Under
Voltage
Lockout
(16V/9V)
VDD Over
Voltage
Protection
ZCD
CS
GD
VDD
GND
PWM
Control
Logic
VCLAMP 13V
RGD
Gate
Driver
VDD OVP
PWM
+
-
+
-
Constant On-Time
Comparator
Current Limit
Comparator
VCS_CL
1V
Over
Temperature
Protection
OTP
Ramp
Generator
Constant Current Control
Valley
Detector
Clamping
Circuit
Output Over
Voltage
Protection
Leading
Edge
Blanking
Output OVP
ICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com