Electronic Components Datasheet Search
  English  ▼

X  

RT9741 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9741
Description  High-Side Power Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9741 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9741 Datasheet HTML 1Page - Richtek Technology Corporation RT9741 Datasheet HTML 2Page - Richtek Technology Corporation RT9741 Datasheet HTML 3Page - Richtek Technology Corporation RT9741 Datasheet HTML 4Page - Richtek Technology Corporation RT9741 Datasheet HTML 5Page - Richtek Technology Corporation RT9741 Datasheet HTML 6Page - Richtek Technology Corporation RT9741 Datasheet HTML 7Page - Richtek Technology Corporation RT9741 Datasheet HTML 8Page - Richtek Technology Corporation RT9741 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9741
4
DS9741-01 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
VIN
GND
VOUT
RT9741
COUT
10µF
CIN
1µF
Supply Voltage
2.7V to 5.5V
VBUS
D+
D-
GND
Data
FB
150µF
2
3
1
FB
Note
: A low-ESR 150
μF aluminum electrolytic or tantalum capacitor between VOUT and GND is strongly recommended
to meet the 330mV maximum droop requirement in the hub VBUS. (see Application Information Section for further
details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com