Electronic Components Datasheet Search
  English  ▼

X  

RT9741 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9741
Description  High-Side Power Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9741 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9741 Datasheet HTML 1Page - Richtek Technology Corporation RT9741 Datasheet HTML 2Page - Richtek Technology Corporation RT9741 Datasheet HTML 3Page - Richtek Technology Corporation RT9741 Datasheet HTML 4Page - Richtek Technology Corporation RT9741 Datasheet HTML 5Page - Richtek Technology Corporation RT9741 Datasheet HTML 6Page - Richtek Technology Corporation RT9741 Datasheet HTML 7Page - Richtek Technology Corporation RT9741 Datasheet HTML 8Page - Richtek Technology Corporation RT9741 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT9741
5
DS9741-01 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
On Resistance vs. Input Voltage
105
107
109
111
113
115
117
119
121
123
125
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
IOUT = 1.5A
RT9741A
On Resistance vs. Temperature
60
70
80
90
100
110
120
130
140
-40
-20
0
20406080
Temperature (°C)
VIN = 5V, IOUT = 1.5A
Quiescent Current vs. Temperature
35
36
37
38
39
40
41
42
43
44
45
-40
-20
0
20
40
60
80
100
Temperature (°C)
VIN = 5V, No Load
Quiescent Current vs. Input Voltage
30
32
34
36
38
40
42
44
46
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
No Load
RT9741A
Output Voltage vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.5
0.75
1
1.25
1.5
1.75
2
2.25
Output Current (A)
VIN = 5V
VIN = 3.3V
UVLO Threshold vs. Temperature
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-40
-20
0
20
40
60
80
Temperature (°C)
Rising edge
Falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com