Electronic Components Datasheet Search
  English  ▼

X  

RT9741 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9741
Description  High-Side Power Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9741 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9741 Datasheet HTML 3Page - Richtek Technology Corporation RT9741 Datasheet HTML 4Page - Richtek Technology Corporation RT9741 Datasheet HTML 5Page - Richtek Technology Corporation RT9741 Datasheet HTML 6Page - Richtek Technology Corporation RT9741 Datasheet HTML 7Page - Richtek Technology Corporation RT9741 Datasheet HTML 8Page - Richtek Technology Corporation RT9741 Datasheet HTML 9Page - Richtek Technology Corporation RT9741 Datasheet HTML 10Page - Richtek Technology Corporation RT9741 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RT9741
7
DS9741-01 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT9741 is a single N-MOSFET high-side power
switches, optimized for self-powered and bus-powered
Universal Serial Bus (USB) applications. The RT9741 is
equipped with a charge pump circuitry to drive the internal
N-MOSFET switch; the switch's low RDS(ON) meets USB
voltage drop requirements.
Input and Output
VIN (input) is the power source connection to the internal
circuitry and the drain of the MOSFET. VOUT (output) is
the source of the MOSFET. In a typical application, current
flows through the switch from VIN to VOUT toward the load.
If VOUT is greater than VIN, current will flow from VOUT to
VIN since the MOSFET is bidirectional when on.
Soft-Start for Hot Plug-In Applications
In order to eliminate the upstream voltage droop caused
by the large inrush current during hot-plug events, the
“soft-start” feature effectively isolates the power source
from extremely large capacitive loads, satisfying the USB
voltage droop requirements.
Under-Voltage Lockout
Under-Voltage Lockout (UVLO) prevents the MOSFET
switch from turning on until input the voltage exceeds
approximately 1.7V. If input voltage drops below
approximately 1.3V, UVLO turns off the MOSFET switch.
Current Limiting and Short-Circuit Protection
The current limit circuitry prevents damage to the MOSFET
switch and the hub downstream port but can deliver load
current up to the current limit threshold of typically 2A
through the switch of the RT9741A and 1A for RT9741C
respectively. When a heavy load or short circuit is applied
to switch, a large transient current may flow until the
current limit circuitry responds. Once this current limit
threshold is exceeded, the device enters constant current
mode until the thermal shutdown occurs or the fault is
removed.
Thermal Shutdown
Thermal protection limits the power dissipation in RT9741.
When the operation junction temperature exceeds 120
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turns on
again after the junction temperature cools to 80
°C. The
RT9741 lowers its OTP trip level from 120
°C to 100°C
when output short circuit occurs (VOUT < 1V) as shown in
Figure 1.
Figure 1. Short Circuit Thermal Folded Back Protection
when Output Short Circuit Occurs (Patent)
VOUT Short to GND
1V
VOUT
IOUT
Thermal
Shutdown
OTP Trip Point
120 C
100 C
100 C
80 C
IC Temperature
Power Dissipation
The junction temperature of the RT9741 series depends
on several factors such as the load, PCB layout, ambient
temperature and package type. The output pin of the
RT9741 can deliver the current of up to 2A (RT9741A) and
1A (RT9741C) respectively over the full operating junction
temperature range. However, the maximum output current
must be decreased at higher ambient temperature to
ensure the junction temperature does not exceed 100
°C.
With all possible conditions, the junction temperature must
be within the range specified under operating conditions.
Power dissipation can be calculated based on the output
current and the RDS(ON) of the switch as below.
PD = RDS(ON) x IOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com