Electronic Components Datasheet Search
  English  ▼

X  

RT9741 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9741
Description  High-Side Power Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9741 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9741 Datasheet HTML 1Page - Richtek Technology Corporation RT9741 Datasheet HTML 2Page - Richtek Technology Corporation RT9741 Datasheet HTML 3Page - Richtek Technology Corporation RT9741 Datasheet HTML 4Page - Richtek Technology Corporation RT9741 Datasheet HTML 5Page - Richtek Technology Corporation RT9741 Datasheet HTML 6Page - Richtek Technology Corporation RT9741 Datasheet HTML 7Page - Richtek Technology Corporation RT9741 Datasheet HTML 8Page - Richtek Technology Corporation RT9741 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9741
3
DS9741-01 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings (Note 1)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25
°C
SOT-23-3 -------------------------------------------------------------------------------------------------------------------- 0.41W
Package Thermal Resistance (Note 2)
SOT-23-3,
θJA --------------------------------------------------------------------------------------------------------------- 243.3°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 2.7V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VIN = 5V, CIN = 1
μF, COUT = 10μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Quiescent Current
IQ
Switch On, VOUT = Open
--
50
70
A
Switch On-
Resistance
RT9741A
RDS(ON)
VIN = 5V, IOUT = 1.3A
--
100
120
m
RT9741C
VIN = 5V, IOUT = 0.6A
--
120
140
Current Limit
RT9741A
ILIM
VOUT = 4V
1.5
2
--
A
RT9741C
0.7
1
--
Short Current
RT9741A
ISC_FB
VOUT = 0V, Measured Prior
to Thermal Shutdown
--
1.4
--
A
RT9741C
--
0.7
--
Output Turn-On Rising Time
TON_RISE 10% to 90% of VOUT Rising
--
200
--
s
Under-Voltage Lockout
VUVLO
VIN Rising
1.3
1.7
2.1
V
Under-Voltage Hysteresis
VUVLO
VIN Decreasing
--
0.1
--
V
Thermal Shutdown Protection
TSD
VOUT > 1V
--
120
--
C
VOUT = 0V
--
100
--
Thermal Shutdown Hysteresis
TSD
VOUT = 0V
--
20
--
C
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com