Electronic Components Datasheet Search
  English  ▼

X  

RT9741 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9741
Description  High-Side Power Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9741 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9741 Datasheet HTML 3Page - Richtek Technology Corporation RT9741 Datasheet HTML 4Page - Richtek Technology Corporation RT9741 Datasheet HTML 5Page - Richtek Technology Corporation RT9741 Datasheet HTML 6Page - Richtek Technology Corporation RT9741 Datasheet HTML 7Page - Richtek Technology Corporation RT9741 Datasheet HTML 8Page - Richtek Technology Corporation RT9741 Datasheet HTML 9Page - Richtek Technology Corporation RT9741 Datasheet HTML 10Page - Richtek Technology Corporation RT9741 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RT9741
9
DS9741-01 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
connector pins are recommended for EMI and ESD
protection. The bypass capacitor itself should have a low
dissipation factor to allow decoupling at higher frequencies.
Voltage Drop
The USB specification states a minimum port-output
voltage in two locations on the bus, 4.75V out of a Self-
Powered Hub port and 4.40V out of a Bus-Powered Hub
port. As with the Self-Powered Hub, all resistive voltage
drops for the Bus-Powered Hub must be accounted for to
guarantee voltage regulation.
The following calculation determines VOUT(MIN) for multiple
ports (NPORTS) ganged together through one switch (if using
one switch per port, NPORTS is equal to 1) :
VOUT(MIN) = 4.75V
− [II x ( 4 x RCONN + 2 x RCABLE )] −
(0.1A x NPORTS x RSWITCH)
− VPCB
Where
RCONN = Resistance of connector contacts (two contacts
per connector)
RCABLE = Resistance of upstream cable wires (one 5V
and one GND)
RSWITCH = Resistance of power switch (typical 100m
Ω for
RT9741A and 120m
Ω for RT9741C)
VPCB = PCB voltage drop
The USB specification defines the maximum resistance
per contact (RCONN) of the USB connector to be 30m
Ω
and the drop across the PCB and switch to be 100mV.
This basically leaves two variables in the equation: the
resistance of the switch and the resistance of the cable. If
the hub consumes the maximum current (II) of 500mA,
the maximum resistance of the cable is 90m
Ω. The
resistance of the switch is defined as follows :
RSWITCH = { 4.75V
− 4.4V − [ 0.5A x ( 4 x 30mΩ + 2 x
90m
Ω) ] − VPCB }
( 0.1A x NPORTS )
= (200mV
− VPCB )
( 0.1A x NPORTS )
If the voltage drop across the PCB is limited to 100mV,
the maximum resistance for the switch is 250m
Ω for four
ports ganged together. The RT9741, with its maximum
120m
Ω on resistance can fit the demand of this
requirement.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
SOT-23-3 package, the thermal resistance,
θJA, is
243.3
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (243.3°C/W) = 0.41W for
SOT-23-3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 2 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Figure 2. Derating Curve of Maximum Power Dissipation
0.0
0.1
0.2
0.3
0.4
0.5
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com